Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138ACPZ-2-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5138ACPZ-2-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138ACPZ-2-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5138ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADP5138
Data Sheet
Rev. A | Page 18 of 23
POWER-ON RESET (POR)
The ADP5138 integrates the POR circuit to monitor the input
voltage and output voltage of the regulators. The POR pin is an
active high, open-drain output that requires a resistor to pull
the pin up to a voltage.
The ENx pin voltage determines which output voltage is
monitored in the POR circuit. When the ENx pin voltage
exceeds 1.2 V (typical), the POR circuit monitors the
corresponding output voltage. When the ENx pin voltage is
lower than 1.1 V (typical), the POR circuit does not monitor
the corresponding output voltage.
The POR pin does not pull high until all of the following
conditions are met followed by a 5.7 ms (typical) delay:
•
The input voltage is greater than the undervoltage lockout
threshold and undervoltage monitor threshold.
•
The input voltage is less than the input overvoltage
threshold.
•
No thermal shutdown.
•
All the power-good signals are high for these monitored
output voltages.
The POR pin is pulled down when any of these conditions are
not met with a 10 µs deglitch time.
If all the channels are disabled, the POR pin pulls down to
ground.
The POR output is fully controlled when the voltage on AVIN is
higher than VAVIN_POR.
SOFT START AND POWER-UP SEQUENCE
The ADP5138 has integrated soft start circuitry for each channel
to limit the output voltage rising time and to reduce the inrush
current during startup. The soft start time is fixed at 500 µs
(typical) for the buck regulators and 570 µs (typical) for the
LDO regulator.
When the ADP5138 exits the input UVLO, input OVLO, or
thermal shutdown event, there is a fixed delay time on each
enable signal. This delay time prevents all the regulators from
powering up at the same time and reduces the input inrush
current. Table 7 shows the delay time for each channel.
Table 7. Enable Delay Time for Each Channel
Channel
Delay Time
Channel 1
15 µs
Channel 2
tSS_D
Channel 3
2 × tSS_D
Channel 4
3 × tSS_D
Channel 5
4 × tSS_D
Figure 46 shows the power-up sequence when the ENx pins are
pulled up at the same time. Channel 1 powers up first, followed
by Channel 2, Channel 3, Channel 4, and Channel 5.
Figure 47 shows the power-up sequence when the channels are
enabled at different times.
Figure 46. Power-Up Sequence with All Channels Enabled at Same Time
Figure 47. Power-Up Sequence with Channels Enabled at Different Times
CURRENT-LIMIT AND SHORT-CIRCUIT
PROTECTION
The ADP5138 integrates a cycle by cycle, peak current-limit
protection circuit to prevent current runaway for each buck
regulator. The high-side FET peak current is limited to 1.6 A
(typical). When the peak inductor current reaches the current-
limit threshold, the high-side FET turns off, the low-side FET
turns on, and the output reference voltage decreases.
The low-side FET in the buck regulator can also sink current
from the load. If the low-side sink current limit is exceeded, both
the low-side and high-side FETs are turned off until the next
cycle starts.
VPVINx,
VAVIN
ENx
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
POR
95%
tSS1
tSS_D
tSS2
tSS3
tSS4
tSS5
4 ×
tSS_D
3 ×
tSS_D
2 ×
tSS_D
tPOR_DELAY_R
VPVINx,
VAVIN
EN2, EN3
EN1, EN4, EN5
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
POR
3 ×
tSS_D
4 ×
tSS_D
tSS1
tSS4
tSS5
tPOR_DELAY_R
95%
2 ×
tSS_D
tPOR_DELAY_R
tSS_D
tSS3
tSS2
95%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com