Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138ACPZ-2-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5138ACPZ-2-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138ACPZ-2-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5138ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADP5138
Rev. A | Page 23 of 23
OUTLINE DIMENSIONS
Figure 49. 28-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-28-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Output Voltage (V)4
Temperature Range
Package Description
Package Option
Buck 1
Buck 2
Buck 3
Buck 4
LDO
ADP5138WACPZ-1-R7
3.3
ADJ
ADJ
1.35
ADJ
−40°C to +125°C
28-Lead LFCSP
CP-28-5
ADP5138ACPZ-2-R7
ADJ
ADJ
ADJ
ADJ
ADJ
−40°C to +125°C
28-Lead LFCSP
CP-28-5
ADP5138W-1-EVALZ
3.3
ADJ
ADJ
1.35
ADJ
Evaluation Board
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
3
To order a device with options other than the two default options listed in the ordering guide, contact a local Analog Devices sales or distribution representative.
4
ADJ means adjustable.
AUTOMOTIVE PRODUCTS
The ADP5138W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for this model.
2.70
2.60 SQ
2.50
0.80
0.75
0.70
TOP VIEW
SIDE VIEW
EXPOSED
PAD
BOTTOM VIEW
1
0.40
BSC
28
8
14
15
21
22
7
0.45
0.40
0.35
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
0.25
0.20
0.15
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGE.
4.10
4.00 SQ
3.90
0.20 MIN
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16669-0-8/18(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com