Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138ACPZ-2-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5138ACPZ-2-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138ACPZ-2-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5138ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5138ACPZ-2-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADP5138
Rev. A | Page 19 of 23
The LDO is designed to current limit when the output load
reaches the current-limit threshold. When the output load
exceeds the current-limit threshold, the output voltage is
reduced to maintain a constant current limit.
ACTIVE OUTPUT DISCHARGE
Each of the five regulators in the ADP5138 integrates a discharge
switch from the switching node to ground. This switch is turned
on when its associated ENx pin is low, which helps to discharge
the output capacitor quickly. The typical value of the discharge
switch is 64 Ω for the buck regulators and 83 Ω for the LDO
regulator.
THERMAL SHUTDOWN
In the event that the ADP5138 junction temperature exceeds
150°C, the thermal shutdown circuit turns off the device. A 15°C
hysteresis is included so that the ADP5138 does not recover from
thermal shutdown until the on-chip temperature drops below
135°C. Upon recovery, a soft start and the power-up sequence
are initiated prior to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com