Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5076ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5076ACBZ-R7
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5076ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5076ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADP5076
Rev. A | Page 5 of 23
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
PVIN, AVIN
−0.3 V to +6 V
SW1
−0.3 V to +40 V
SW2
PVIN − 40 V to PVIN + 0.3 V
PGND, AGND
−0.3 V to +0.3 V
EN1, EN2, FB1, FB2, SYNC
−0.3 V to +6 V
COMP1, COMP2, SLEW, SS,
SEQ, VREF
−0.3 V to AVIN + 0.3 V
Operating Junction
Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction-to-ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction-to-case thermal resistance. ΨJT is the junction-to-
top of package thermal characterization parameter.
θJA and ΨJT are based on a 4-layer PCB (two signal and two
power planes). θJC is measured at the top of the package and is
independent of the PCB. The ΨJT value is more appropriate for
calculating junction to case temperature in the application.
Table 4. Thermal Resistance
Package Type
θJA
θJC
ΨJT
Unit
CB-20-14
50
0.54
0.13
C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com