Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5076ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5076ACBZ-R7
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5076ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5076ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2 A/1.2 A DC-to-DC Switching Regulator with
Independent Positive and Negative Outputs
Data Sheet
ADP5076
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input supply voltage range: 2.85 V to 5.5 V
Generates well regulated, independently resistor
programmable VPOS and VNEG outputs
Boost regulator to generate VPOS output
Adjustable positive output to 35 V
Integrated 2.0 A main switch
Inverting regulator to generate VNEG output
Adjustable negative output to −30 V
Integrated 1.20 A main switch
1.2 MHz or 2.4 MHz switching frequency with optional
external frequency synchronization from 1.0 MHz to
2.6 MHz
Resistor programmable soft start timer
Slew rate control for lower system noise
Individual precision enable and flexible start-up sequence
control for symmetric start, VPOS first, or VNEG first
Out of phase operation
UVLO, OCP, OVP, and TSD protection
1.61 mm × 2.18 mm, 20-ball WLCSP
−40°C to +125°C junction temperature range
APPLICATIONS
Bipolar amplifiers, ADCs, DACs, and multiplexers
Charge coupled device (CCD) bias supply
Optical module supply
RF power amplifier bias
Time of flight module supply
GENERAL DESCRIPTION
The ADP5076 is a dual, high performance, dc-to-dc regulator that
generates independently regulated positive and negative rails. The
input voltage range of 2.85 V to 5.5 V supports a wide variety of
applications. The integrated main switch in both regulators enables
generation of an adjustable positive output voltage up to +35 V and
a negative output voltage down to −30 V.
The ADP5076 operates at a pin selected 1.2 MHz or 2.4 MHz
switching frequency. The ADP5076 can synchronize with an
external oscillator from 1.0 MHz to 2.6 MHz to ease noise
filtering in sensitive applications. Both regulators implement
programmable slew rate control circuitry for the metal-oxide
semiconductor field effect transistor (MOSFET) driver stage to
reduce electromagnetic interference (EMI). Flexible start-up
sequencing is provided with the options of manual enable,
simultaneous mode, positive supply first, and negative supply first.
The ADP5076 includes a fixed internal or resistor programmable
soft start timer to prevent inrush current at power-up.
Other key safety features in the ADP5076 include overcurrent
protection (OCP), overvoltage protection (OVP), thermal
shutdown (TSD), and input undervoltage lockout (UVLO).
The ADP5076 is available in a 20-ball wafer level chip scale
package (WLCSP) and is rated for a −40°C to +125°C junction
temperature range.
Table 1. Family Models
Model
Boost
Switch (A)
Inverter
Switch (A)
Package
ADP5070
1.0
0.6
20-lead LFCSP (4 mm ×
4 mm) and 20-lead TSSOP
ADP5071
2.0
1.2
20-lead LFCSP (4 mm ×
4 mm) and 20-lead TSSOP
ADP5072
1.0
0.6
20-ball WLCSP
(1.61 mm × 2.18 mm)
ADP5073
N/A1
1.2
16-lead LFCSP (3 mm ×
3 mm)
ADP5074
N/A1
2.4
16-lead LFCSP (3 mm ×
3 mm)
ADP5075
N/A1
0.8
12-ball WLCSP
(1.61 mm × 2.18 mm)
ADP5076
2.0
1.2
20-ball WLCSP
(1.61 mm × 2.18 mm)
1 N/A means not applicable.
FUNCTIONAL BLOCK DIAGRAM
ADP5076
SS
SW1
SW1
RC1
CC1
COMP1
RC2
CC2
COMP2
EN1
SYNC
SLEW
SEQ
EN2
AGND
PVIN
PVIN
AVIN
CIN
VIN
FB1
D1
L1
L2
VIN
RFB1
RFT1
VPOS
SW2
PGND
PGND
FB2
VREF
D2
RFB2
RFT2
VNEG
CVREF
COUT1
COUT2
Figure 1.


Similar Part No. - ADP5076ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5070 AD-ADP5070 Datasheet
1,002Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5070 AD-ADP5070 Datasheet
509Kb / 17P
1.2 A, DC-to-DC Inverting Regulator
10/2017-Rev. 0 to Rev. A
ADP5070 AD-ADP5070 Datasheet
520Kb / 17P
2.4 A, DC-to-DC Inverting Regulator
10/2017-Rev. 0 to Rev. A
ADP5070 AD-ADP5070 Datasheet
652Kb / 19P
800 mA, DC-to-DC Inverting Regulator
9/2017-Rev. A to Rev. B
More results

Similar Description - ADP5076ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
POSITIVE-TO-NEGATIVE DC-DC CONVERTER
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
POSITIVE TO NEGATIVE DC-DC CONVERTER
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
International Rectifier
IRU3065 IRF-IRU3065 Datasheet
229Kb / 15P
POSITIVE TO NEGATIVE DC TO DC CONTROLLER
logo
Analog Devices
ADP2119 AD-ADP2119 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
logo
Linear Technology
LT1945 LINER-LT1945_15 Datasheet
131Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
Analog Devices
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5071 AD-ADP5071 Datasheet
1,002Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5072 AD-ADP5072 Datasheet
646Kb / 24P
1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
1/2019-Revision 0
ADP5073 AD-ADP5073 Datasheet
509Kb / 17P
1.2 A, DC-to-DC Inverting Regulator
10/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com