Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5076ACBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5076ACBZ-R7
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5076ACBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5076ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP5076ACBZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADP5076
Data Sheet
Rev. A | Page 14 of 23
PRECISION ENABLING
The ADP5076 has an individual enable pin for the boost
regulator (EN1) and inverting regulator (EN2). These enable
pins feature a precision enable circuit with an accurate reference
voltage. This reference allows the ADP5076 to be sequenced
easily from other supplies. It can also be used as a programmable
UVLO input by using a resistor divider.
The enable pins have an internal pull-down resistor that defaults
each regulator to off when the pin is floating.
When the voltage of the enable pins is greater than the VTH_H
reference level, the regulator is enabled.
SOFT START
Each regulator in the ADP5076 includes soft start circuitry that
ramps the output voltage in a controlled manner during startup,
limiting the inrush current. The soft start time is internally set to
the fastest rate when the SS pin is open.
Connecting a resistor between the SS pin and the AGND pin
allows the adjustment of the soft start delay. The delay length is
common to both regulators.
SLEW RATE CONTROL
The ADP5076 employs programmable output driver slew rate
control circuitry. This circuitry reduces the slew rate of the
switching node as shown in Figure 40, resulting in reduced
ringing and lower EMI. To program the slew rate, connect the
SLEW pin to the AVIN pin for normal mode, to the AGND pin
for slow mode, or leave it open for fast mode. This configuration
allows the use of an open-drain output from a noise sensitive
device to switch the slew rate from fast to slow, for example,
during ADC sampling.
Slew rate control causes a trade-off between efficiency and low
EMI.
FASTEST
SLOWEST
Figure 40. Switching Node at Various Slew Rate Settings
CURRENT-LIMIT PROTECTION
The boost and inverting regulators in the ADP5076 include
current-limit protection circuitry to limit the amount of forward
current through the MOSFET switch.
When the peak inductor current exceeds the overcurrent limit
threshold for a number of clock cycles during an overload or
short-circuit condition, the regulator enters hiccup mode. The
regulator stops switching and then restarts with a new soft start
cycle after tHICCUP and repeats until the overcurrent condition is
removed.
OVERVOLTAGE PROTECTION
An overvoltage protection mechanism is present on the FB1
and FB2 pins for the boost and inverting regulators.
On the boost regulator, when the voltage on the FB1 pin exceeds
the VOV1 threshold, the switching on SW1 stops until the voltage
falls below the threshold again. This functionality is permanently
enabled on this regulator.
On the inverting regulator, when the voltage on the FB2 pin
drops below the VOV2 threshold, the switching stops until the
voltage rises above the threshold. This functionality is enabled
after the soft start period has elapsed.
THERMAL SHUTDOWN
In the event that the ADP5076 junction temperature rises above
TSHDN, the thermal shutdown circuit turns off the integrated
circuit (IC). Extreme junction temperatures can be the result of
prolonged high current operation, poor circuit board design,
and/or high ambient temperature. Hysteresis is included so that
when thermal shutdown occurs, the ADP5076 does not return to
operation until the on-chip temperature drops below TSHDN − THYS.
When resuming from thermal shutdown, a soft start is performed
on each enabled channel.
STARTUP SEQUENCE
The ADP5076 implements a flexible startup sequence to meet
different system requirements. Three different enabling modes
can be implemented via the SEQ pin, as explained in Table 7.
Table 7. SEQ Pin Settings
SEQ Pin
Description
Open
Manual enable mode
AVIN
Simultaneous enable mode
Low
Sequential enable mode
To configure the manual enable mode, leave the SEQ pin open.
The boost and inverting regulators are controlled separately from
their respective precision enable pins.
To configure the simultaneous enable mode, connect the SEQ pin
to the AVIN pin. Both regulators power up simultaneously
when the EN2 pin is taken high. The EN1 pin enable can be
used to enable the internal references ahead of enabling the
outputs, if desired. The simultaneous enable mode timing is
shown in Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com