Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 16 Page - ams AG

Part # AS5601
Description  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 16 Page - ams AG

Back Button AS5601 Datasheet HTML 12Page - ams AG AS5601 Datasheet HTML 13Page - ams AG AS5601 Datasheet HTML 14Page - ams AG AS5601 Datasheet HTML 15Page - ams AG AS5601 Datasheet HTML 16Page - ams AG AS5601 Datasheet HTML 17Page - ams AG AS5601 Datasheet HTML 18Page - ams AG AS5601 Datasheet HTML 19Page - ams AG AS5601 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-07] 2016-Sep-09
AS5601 − Detailed Description
AS5601 Slave Modes
Slave Receiver Mode (Write Mode)
Serial data and clock are received through SDA and SCL. Each
byte is followed by an acknowledge bit or by a NACK depending
on whether the address pointer selects a valid address. START
and STOP conditions are recognized as the beginning and end
of a bus transaction. The slave address byte is in the first byte
received after the START condition. The 7-bit AS5601 address is
0x36 (0110110 in binary).
The 7-bit slave address is followed by the direction bit (R/W),
which, for a write, is 0 (low). After receiving and decoding the
slave address byte, the slave device drives an acknowledge on
SDA. After the AS5601 acknowledges the slave address and
write bit, the master transmits a register address (word address)
to the AS5601. This is loaded into the address pointer on the
AS5601. If the address is a valid readable address, the AS5601
answers by sending an acknowledge (A bit low). If the address
pointer selects an invalid address, a NACK is sent (A bit high).
The master may then transmit zero or more bytes of data. If the
address pointer selects an invalid address, the received data are
not stored. The address pointer will increment after each byte
transferred whether or not the address is valid. If the address
pointer reaches a valid position again, the AS5601 answers with
an acknowledge and stores the data. The master generates a
STOP condition to terminate the write transaction.
Figure 16:
Data Write (Slave Receiver Mode)
S
0110110
0 A
XXXXXXXX
A
XXXXXXXX
A
XXXXXXXX
A
S – Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
P – Stop
P
<Slave address>
<Word address (n)>
<Data(n)>
<Data(n+X)>
XXXXXXXX
A
<Data(n+1)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com