Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 20 Page - ams AG

Part # AS5601
Description  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 20 Page - ams AG

Back Button AS5601 Datasheet HTML 16Page - ams AG AS5601 Datasheet HTML 17Page - ams AG AS5601 Datasheet HTML 18Page - ams AG AS5601 Datasheet HTML 19Page - ams AG AS5601 Datasheet HTML 20Page - ams AG AS5601 Datasheet HTML 21Page - ams AG AS5601 Datasheet HTML 22Page - ams AG AS5601 Datasheet HTML 23Page - ams AG AS5601 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-07] 2016-Sep-09
AS5601 − Register Description
ZPOS Registers
These registers are used to configure the zero position (ZPOS).
This register is used to align the electric grid of the incremental
output with the mechanical grid of an encoder switch.
CONF Register
The CONF register supports customizing the AS5601. Figure 20
shows the mapping of the CONF register.
PUSHTHR Register
This register is used to set-up the contactless pushbutton
function. This register must be adjusted according to the airgap
and magnet configuration. The swing of the pushbutton
function can be found by subtracting the AGC value of the
pressed button from the AGC value of the released button. The
threshold value for the contactless pushbutton should be half
of the swing.
Figure 20:
CONF and ABN Mapping
Note(s):
1. Forced in Low Power Mode (LPM)
Name
Bit Position
Description
CONF Mapping
PM(1:0)
1:0
Power Mode
00 = NOM, 01 = LPM1, 10 = LPM2, 11 = LPM3
HYST(1:0)
3:2
Hysteresis
00 = OFF, 01 = 1 LSB, 10 = 2 LSBs, 11 = 3 LSBs
SF(1:0)
9:8
Slow Filter
00 = 16x (1); 01 = 8x; 10 = 4x; 11 = 2x
FTH(2:0)
12:10
Fast Filter Threshold
000 = slow filter only, 001 = 6 LSBs, 010 = 7 LSBs, 011 = 9 LSBs,100 = 18
LSBs, 101 = 21 LSBs, 110 = 24 LSBs, 111 = 10 LSBs
WD
13
Watchdog Timer
0 = OFF, 1 = ON (automatic entry into LPM3 low-power mode enabled)
ABN Mapping
ABN(3:0)
3:0
Output Positions and Update Rate
0000 : 8 (61 Hz)
0001 : 16 (122 Hz)
0010 : 32 (244 Hz)
0011 : 64 (488 Hz)
0100 : 128 (976 Hz)
0101 : 256 (1.9 kHz)
0110 : 512 (3.9 kHz)
0111 : 1024 (7.8 kHz)
others : 2048 (15.6 kHz))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com