Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 22 Page - ams AG

Part # AS5601
Description  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 22 Page - ams AG

Back Button AS5601 Datasheet HTML 18Page - ams AG AS5601 Datasheet HTML 19Page - ams AG AS5601 Datasheet HTML 20Page - ams AG AS5601 Datasheet HTML 21Page - ams AG AS5601 Datasheet HTML 22Page - ams AG AS5601 Datasheet HTML 23Page - ams AG AS5601 Datasheet HTML 24Page - ams AG AS5601 Datasheet HTML 25Page - ams AG AS5601 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-07] 2016-Sep-09
AS5601 − Register Description
Burn_Angle Command (ZPOS)
The host microcontroller can perform a permanent
programming of ZPOS with a BURN_ANGLE command. To
perform a BURN_ANGLE command, write the value 0x80 into
register 0xFF. The BURN_ANGLE command can be executed up
to 3 times. ZMCO shows how many times ZPOS have been
permanently written.
This command may only be executed if the presence of the
magnet is detected (MD = 1).
Burn_Setting Command (CONF)
The host microcontroller can perform a permanent writing of
CONFIG with a BURN_SETTING command. To perform a
BURN_SETTING command, write the value 0x40 into register
0xFF.
The BURN_ SETTING command can be performed only one time.
Zero Position and Resolution Programming
A fundamental feature is to program the zero position (ZPOS)
of the magnetic position encoder. This is required to adjust the
A/B outputs to the mechanical pattern (grid) of a contactless
encoder by setting the count transitions (transition of A and or
B) between two adjacent mechanical positions. An example of
a 3-bit contactless encoder is shown in Figure 22.
The electrical positions represent the positions where an A or
B transition occurs. The zero position can be placed in
correspondence of one of the electrical positions (yellow).
A BURN_ANGLE command can be executed up to 3 times to
permanently program the zero position. It can only be executed
if the presence of the magnet is detected (MD = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com