Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2012X2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CT2012X2
Description  Self-Laminating Tag, Caution Write-On, Telephone Cable, 3.5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT2012X2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CT2012X2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CT2012X2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CT2012X2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Description
HellermannTyton’s Rite-On Markers are made from a flexible vinyl
film and used to mark wire and cable. The self-laminating labels have
a clear tail which seals the legend under clear vinyl, maintaining the
quality of the labels. The Rite-On markers are packaged in a reusable
dispenser made from high impact plastic which is resistant to oils and
grease. boldProduct Features/bold - Easily and conveniently fits in a
pants or shirt pocket. - Once loaded, unit allows minimal label
exposure to dust and moisture. - Can be used with standard ball point
pens or HellermannTyton nylon marking pens. - Excess liner is easily
cut-off by tearing it over the edge guide at the front of the unit. - The
dispenser can be reloaded over and over again, making it a
cost-effective and efficient method of labeling.
Short Description
Self-Laminating Tag, Caution Write-On, Telephone Cable, 3.5" x 2.0",
Yellow, 25/pkg
Global Part Name
CT2012-PVC-YE
Technical Description
Caution Write-On Self-Laminating Tag, Telephone Cable, 3.5" X 2.0",
Yellow
Width W (Imperial)
3.5
Width W (Metric)
88.9
Height H (Imperial)
1.5
Height H (Metric)
38.1
Material
Polyvinylchloride (PVC)
Material Shortcut
PVC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com