Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2012X2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CT2012X2
Description  Self-Laminating Tag, Caution Write-On, Telephone Cable, 3.5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT2012X2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CT2012X2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CT2012X2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CT2012X2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Adhesive
Acrylic
Halogen Free
No
Adhesive Operating Temperature
-40°F to +302°F (-40°C to +150°C)
Operating Temperature
-40°F to +257°F (-40°C to +125°C)
Reach Compliant (Article 33)
Yes
ROHS Compliant
Yes
Package Quantity (Imperial)
25
Package Quantity (Metric)
25
Customs Number
3926909988
Labels per Column
1
Labels per Row
1
Weight (Metric)
0.22
Weight (Imperial)
0.5
© 2021 HellermannTyton. All Rights Reserved.
Contact Us
RoHS/WEEE Compliance
Disclaimer
Terms and Conditions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com