Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2012X2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CT2012X2
Description  Self-Laminating Tag, Caution Write-On, Telephone Cable, 3.5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT2012X2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CT2012X2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CT2012X2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CT2012X2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification Sheet
Part Number: CT2012X2
Self-Laminating Tag, Caution Write-On, Telephone Cable, 3.5" x 2.0", Yellow, 25/pkg
Article Number
597-00031
Type
CT2012
Color
Yellow (YE)
Features & Benefits
• Clear laminating plastic flap permanently protects the writing and
data marked on the tag. • Mounting holes for easy mounting using
standard cable ties. • Markers can be mounted in any direction, either
vertically, horizontally, as a wrap-around identification plate or as a
flag for the best visual position on the cable assembly.
Quantity Per
pack


Similar Part No. - CT2012X2

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT201003ALM AAC-CT201003ALM Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
CT201003ALM AAC-CT201003ALM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT201003ALO AAC-CT201003ALO Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
CT201003ALO AAC-CT201003ALO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT201003AMM AAC-CT201003AMM Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
More results

Similar Description - CT2012X2

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
HARSH-TAG-80 PREMO-HARSH-TAG-80 Datasheet
153Kb / 1P
Tag-on-metal
HARSH-TAG-150 PREMO-HARSH-TAG-150 Datasheet
155Kb / 1P
Tag-on-metal
logo
Tyco Electronics
WCD-318 MACOM-WCD-318 Datasheet
84Kb / 2P
Write-On Self-Laminating Dispensers
CSL03423P4 MACOM-CSL03423P4 Datasheet
113Kb / 2P
CSL A4 Laser printable self-laminating labels
logo
List of Unclassifed Man...
TKM-75 ETC2-TKM-75 Datasheet
49Kb / 1P
TKM self-laminating write-on labels
logo
Texas Instruments
RI-TRP-RFOB-01 TI1-RI-TRP-RFOB-01 Datasheet
80Kb / 4P
KEYRING TAG (READ ONLY/READ WRITE)
logo
PANDUIT CORP.
LJSL7-Y3-1 PANDUIT-LJSL7-Y3-1 Datasheet
574Kb / 2P
Self-Laminating Labels for Laser AND Ink Jet Printers
logo
Integrated Silicon Solu...
IS61LPS51236B ISSI-IS61LPS51236B Datasheet
1Mb / 33P
Internal self-timed write cycle
logo
PANDUIT CORP.
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
PST-FO PANDUIT-PST-FO Datasheet
121Kb / 1P
Self-Laminating Fiber Optic Cable Marker Tags
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com