Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD760P Datasheet(PDF) 1 Page - Intel Corporation

Part # SSD760P
Description  Intel짰 SSD 760p Series (1.024TB, M.2 80mm PCIe 3.0 x4, 3D2, TLC) Retail Box Single Pack
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SSD760P Datasheet(HTML) 1 Page - Intel Corporation

  SSD760P Datasheet HTML 1Page - Intel Corporation SSD760P Datasheet HTML 2Page - Intel Corporation SSD760P Datasheet HTML 3Page - Intel Corporation SSD760P Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7/17/2018
Intel® SSD 760p Series (1.024TB, M.2 80mm, PCIe 3.0 x4, 3D2, TLC) Product Specifications
https://ark.intel.com/products/134580/Intel-SSD-760p-Series-1_024TB-M_2-80mm-PCIe-3_0-x4-3D2-TLC?q=SSDPEKKW010T8X1
1/2
Intel® SSD 760p Series
1.024TB, M.2 80mm, PCIe 3.0 x4, 3D2, TLC
Specifications
Ordering and Compliance
Ordering and spec information
Intel® SSD 760p Series (1.024TB, M.2 80mm PCIe 3.0 x4, 3D2, TLC) Retail Box Single Pack
Ordering Code
SSDPEKKW010T8X1
RCP
$374.00
Trade compliance information
ECCN
5A992C
CCATS
G158436
US HTS
8471706000
PCN/MDDS Information
962568
PCN | MDDS
Downloads and Software
All information provided is subject to change at any time, without notice. Intel may make changes to manufacturing life cycle,
specifications, and product descriptions at any time, without notice. The information herein is provided "as-is" and Intel does not
make any representations or warranties whatsoever regarding accuracy of the information, nor on the product features, availability,
functionality, or compatibility of the products listed. Please contact system vendor for more information on specific products or
systems.
Intel classifications are for informational purposes only and consist of Export Control Classification Numbers (ECCN) and Harmonized
Tariff Schedule (HTS) numbers. Any use made of Intel classifications are without recourse to Intel and shall not be construed as a
representation or warranty regarding the proper ECCN or HTS. Your company as an importer and/or exporter is responsible for
determining the correct classification of your transaction.
Refer to Datasheet for formal definitions of product properties and features.
“Announced” SKUs are not yet available. Please refer to the Launch Date for market availability.
The Recommended Customer Price (“RCP”) is pricing guidance for Intel products. Prices are for direct Intel customers, typically
represent 1,000-unit purchase quantities, and are subject to change without notice. Taxes and shipping, etc. not included. Prices may
vary for other package types and shipment quantities, and special promotional arrangements may apply. If sold in bulk, price


Similar Part No. - SSD760P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD70N03-04D SECOS-SSD70N03-04D Datasheet
682Kb / 4P
N-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSD70N03-04D DOINGTER-SSD70N03-04D Datasheet
888Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSD70N03-04D VBSEMI-SSD70N03-04D Datasheet
1,003Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD70N03 SECOS-SSD70N03_15 Datasheet
682Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSD70N04-06D SECOS-SSD70N04-06D Datasheet
151Kb / 2P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD760P

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-CM8910C ADVANTECH-SQF-CM8910C Datasheet
712Kb / 1P
PCIe III x4 M.2 2280 SSD
logo
Tripp Lite. All Rights ...
PCE-1M2-PX4 TRIPPLITE-PCE-1M2-PX4 Datasheet
175Kb / 2P
M.2 NGFF PCIe SSD (M-Key) PCI Express (x4) Card
logo
Advantech Co., Ltd.
SQF-C4M-720-D ADVANTECH-SQF-C4M-720-D Datasheet
335Kb / 1P
PCIe Gen.3 x4 M.2 2242 SSD
1-Jun-2022
SQF-C8B-720-D ADVANTECH-SQF-C8B-720-D Datasheet
348Kb / 1P
PCIe Gen.3 x2 M.2 2280 SSD
1-Jun-2022
SQF-C25920-D ADVANTECH-SQF-C25920-D Datasheet
363Kb / 1P
PCIe Gen.3 x4 U.2 2.5" SSD (SFF-8639)
1-Jun-2022
SQF-C8M-720-D ADVANTECH-SQF-C8M-720-D Datasheet
334Kb / 1P
PCIe Gen.3 x4 M.2 2280 SSD
1-Jun-2022
SQF-C8M-930-D ADVANTECH-SQF-C8M-930-D Datasheet
375Kb / 1P
PCIe Gen.4 x4 M.2 2280 SSD
7-Jul-2022
SQF-C8M-ER-1 ADVANTECH-SQF-C8M-ER-1 Datasheet
374Kb / 1P
PCIe Gen.4 x4 M.2 2280 SSD
7-Jul-2022
SQF-CM8-920-D ADVANTECH-SQF-CM8-920-D Datasheet
363Kb / 1P
PCIe Gen.3 x4 M.2 2280 SSD
1-Jun-2022
SQF-CU2-ER-1 ADVANTECH-SQF-CU2-ER-1 Datasheet
379Kb / 1P
PCIe Gen.4 x4 U.2 2.5" SSD
29-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com