Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD760P Datasheet(PDF) 3 Page - Intel Corporation

Part # SSD760P
Description  Intel짰 SSD 760p Series (1.024TB, M.2 80mm PCIe 3.0 x4, 3D2, TLC) Retail Box Single Pack
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SSD760P Datasheet(HTML) 3 Page - Intel Corporation

  SSD760P Datasheet HTML 1Page - Intel Corporation SSD760P Datasheet HTML 2Page - Intel Corporation SSD760P Datasheet HTML 3Page - Intel Corporation SSD760P Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Intel® SSD 760p Series
1.024TB, M.2 80mm, PCIe 3.0 x4, 3D2, TLC
Add to Compare
Specifications
Essentials
Performance
Reliability
Supplemental Information
Package Specifications
Advanced Technologies
Ordering and Compliance
Downloads and Software
Export specifications
Essentials
Product Collection
Intel® SSD 760p Series
Code Name
Products formerly Harris Harbor
Capacity
1.02 TB
Status
Launched
Launch Date
Q1'18
Lithography Type
3D2 TLC
Recommended Customer Price
$374.00
Performance
Sequential Read (up to)
3230 MB/s
Sequential Write (up to)
1625 MB/s
Random Read (8GB Span) (up to)
340000 IOPS
Random Write (8GB Span) (up to)
275000 IOPS
Power - Active
50 mW
Power - Idle
25 mW
Reliability
Vibration - Operating
2.17 GRMS
Vibration - Non-Operating
3.13 GRMS
Shock (Operating and Non-Operating)
1000 G
Operating Temperature Range
0°C to 70°C
Endurance Rating (Lifetime Writes)
576 TBW
Mean Time Between Failures (MTBF)
1.6 million hours
Uncorrectable Bit Error Rate (UBER)
<1 sector per 10^15 bits read
Warranty Period
5 yrs
Supplemental Information
Additional Information URL
View now
Package Specifications
Weight
<10 grams
Form Factor
M.2 22 x 80mm
Interface
PCIe NVMe 3.1 x4
Advanced Technologies
Enhanced Power Loss Data Protection
No
Hardware Encryption
AES 256 bit
​
High Endurance Technology (HET)
No
Temperature Monitoring and Logging
No
Support Home › Product Specifications › Memory and Storage
Search specifications
Products
Solutions
Support
USA (English)
My Intel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com