Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD760P Datasheet(PDF) 2 Page - Intel Corporation

Part # SSD760P
Description  Intel짰 SSD 760p Series (1.024TB, M.2 80mm PCIe 3.0 x4, 3D2, TLC) Retail Box Single Pack
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SSD760P Datasheet(HTML) 2 Page - Intel Corporation

  SSD760P Datasheet HTML 1Page - Intel Corporation SSD760P Datasheet HTML 2Page - Intel Corporation SSD760P Datasheet HTML 3Page - Intel Corporation SSD760P Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7/17/2018
Intel® SSD 760p Series (1.024TB, M.2 80mm, PCIe 3.0 x4, 3D2, TLC) Product Specifications
https://ark.intel.com/products/134580/Intel-SSD-760p-Series-1_024TB-M_2-80mm-PCIe-3_0-x4-3D2-TLC?q=SSDPEKKW010T8X1
2/2
represents individual unit. Listing of these RCP does not constitute a formal pricing offer from Intel. Please work with your
appropriate Intel representative to obtain a formal price quotation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com