Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS22C41Q Datasheet(PDF) 2 Page - Schneider Electric

Part # ATS22C41Q
Description  soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ATS22C41Q Datasheet(HTML) 2 Page - Schneider Electric

  ATS22C41Q Datasheet HTML 1Page - Schneider Electric ATS22C41Q Datasheet HTML 2Page - Schneider Electric ATS22C41Q Datasheet HTML 3Page - Schneider Electric ATS22C41Q Datasheet HTML 4Page - Schneider Electric ATS22C41Q Datasheet HTML 5Page - Schneider Electric ATS22C41Q Datasheet HTML 6Page - Schneider Electric ATS22C41Q Datasheet HTML 7Page - Schneider Electric ATS22C41Q Datasheet HTML 8Page - Schneider Electric ATS22C41Q Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Communication data link
Serial
Physical interface
RS485 multidrop
Transmission rate
4800, 9600 or 19200 bps
Installed device
31
Protection type
Phase failure line
Thermal protection starter
Thermal protection motor
Marking
CE
Type of cooling
Forced convection
Operating position
Vertical +/- 10 degree
Height
16.73 in (425 mm)
Width
8.11 in (206 mm)
Depth
11.77 in (299 mm)
Product weight
72.75 lb(US) (33 kg)
Motor power range AC-3
110...220 kW at 380...440 V 3 phases
110...220 kW at 200...240 V 3 phases
Motor starter type
Soft starter
Environment
Electromagnetic compatibility
Conducted and radiated emissions level A IEC 60947-4-2
Damped oscillating waves level 3 IEC 61000-4-12
Electrostatic discharge level 3 IEC 61000-4-2
Immunity to electrical transients level 4 IEC 61000-4-4
Immunity to radiated radio-electrical interference level 3 IEC 61000-4-3
Voltage/current impulse level 3 IEC 61000-4-5
Standards
EN/IEC 60947-4-2
Product certifications
UL
CCC
C-Tick
GOST
CSA
Vibration resistance
1.5 mm 2...13 Hz EN/IEC 60068-2-6
1 gn 13...200 Hz EN/IEC 60068-2-6
Shock resistance
15 gn 11 ms EN/IEC 60068-2-27
Noise level
56 dB
Pollution degree
Level 2 IEC 60664-1
Relative humidity
0...95 % without condensation or dripping water EN/IEC 60068-2-3
Ambient air temperature for operation
14...104 °F (-10...40 °C) without derating
> 104...< 140 °F (> 40...< 60 °C) with current derating 2.2 % per °C
Ambient air temperature for storage
-13...158 °F (-25...70 °C)
Operating altitude
<= 3280.84 ft (1000 m) without derating
> 3280.84...< 6561.68 ft (> 1000...< 2000 m) with current derating of 2.2 % per
additional 100 m
Ordering and shipping details
Category
22576 - ATS22 ALTISTART
Discount Schedule
CP1G
GTIN
00785901963899
Nbr. of units in pkg.
1
Package weight(Lbs)
58.960000000000001
Returnability
N
Country of origin
CN
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  0939  -  Schneider Electric declaration of conformity
Schnei-
der Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Product end of life instructions
Available



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com