Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS22C41Q Datasheet(PDF) 10 Page - Schneider Electric

Part # ATS22C41Q
Description  soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ATS22C41Q Datasheet(HTML) 10 Page - Schneider Electric

Back Button ATS22C41Q Datasheet HTML 2Page - Schneider Electric ATS22C41Q Datasheet HTML 3Page - Schneider Electric ATS22C41Q Datasheet HTML 4Page - Schneider Electric ATS22C41Q Datasheet HTML 5Page - Schneider Electric ATS22C41Q Datasheet HTML 6Page - Schneider Electric ATS22C41Q Datasheet HTML 7Page - Schneider Electric ATS22C41Q Datasheet HTML 8Page - Schneider Electric ATS22C41Q Datasheet HTML 9Page - Schneider Electric ATS22C41Q Datasheet HTML 10Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Motor Thermal Protection - Warm Curves
Curves
A
Class 10
B
Class 20
C
Class 30
Trip time for a Standard Application (Class 10)
3.5 ln
16 s
Trip time for a Severe Application (Class 20)
3.5 ln
32 s
Trip time for a Severe Application (Class 30)
3.5 ln
48 s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com