Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS22C41Q Datasheet(PDF) 5 Page - Schneider Electric

Part # ATS22C41Q
Description  soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ATS22C41Q Datasheet(HTML) 5 Page - Schneider Electric

  ATS22C41Q Datasheet HTML 1Page - Schneider Electric ATS22C41Q Datasheet HTML 2Page - Schneider Electric ATS22C41Q Datasheet HTML 3Page - Schneider Electric ATS22C41Q Datasheet HTML 4Page - Schneider Electric ATS22C41Q Datasheet HTML 5Page - Schneider Electric ATS22C41Q Datasheet HTML 6Page - Schneider Electric ATS22C41Q Datasheet HTML 7Page - Schneider Electric ATS22C41Q Datasheet HTML 8Page - Schneider Electric ATS22C41Q Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Product data sheet
Mounting and Clearance
ATS22C41Q
Precautions
Standards
The Altistart 22 soft starter is compliant with pollution Degree 2 as defined in NEMA ICS1-1 or IEC 60664-1.
For environment pollution degree 3, install the Altistart 22 soft starter inside a cabinet type 12 or IP54.
DANGER
HAZARD OF ELECTRIC SHOCK, EXPLOSION, OR ARC FLASH
ATS22 soft starters are open devices and must be mounted in a suitable enclosure.
Failure to follow these instructions will result in death or serious injury.
Air Circulation
Leave sufficient free space to help the air required for cooling purposes to circulate from the bottom to the top of the unit.
Overheating
To avoid the soft starter to overheat, respect the following recommendations:
● Mount the Altistart 22 Soft Starter within ± 10° of vertical.
● Do not locate the Altistart 22 Soft Starter near heat radiating elements.
● Electrical current through the Altistart 22 Soft Starter will result in heat losses that must be dissipated into the ambient air immediately
surrounding the soft starter. To help prevent a thermal fault, provide sufficient enclosure cooling and/or ventilation to limit the ambient
temperature around the soft starter.
● If several soft starters are installed in a control panel, arrange them in a row. Do not stack soft starters. Heat generated from the bottom
soft starter can adversely affect the ambient temperature around the top soft starter.
Wall mounted or Floor-standing Enclosure with IP 23 Degree of protection
Introduction
To help proper air circulation in the soft starter, grilles and forced ventilation can be installed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com