Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI01-3 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # PI01-3
Description  IoT Bit 3G v1.6
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PI01-3 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button PI01-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 18Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 19Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 20Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
4.2.9 Setting up wvdial
This step will cover using wvdial with the IoT Bit instead of Network Manager.The reason for using wvdial
instead of Network Manager is when you want to be able to switch between AT command mode and internet
mode easily. As once the network is configured via Network Manager, it will have removed access to the ATPort
available via the USB.
Now we need to configure the wvdial.conf file to enable IoT Bit to connect to the internet using your SIM card.
You will need the USSD code used to fetch the SIM cards registered number.
The default is *99# and should be the same for most SIM cards or you can just use the SIM cards’ phone
number if you can't find the USSD code. Just remember that you will have to edit the file to change the number
if you change the SIM. We will need to open the file found in the iotbit_Install folder called wvdial.conf using a
text editor of your choice.
$ sudo nano /home/pi/iotbit_Install/wvdial.conf
Then add to the file your USSD code or phone number in the 'Phone =' field.
Save and exit the file by pressing CTRL+X then Y.
We now need to back up the old wvdial.conf file and move your modified wvdial.conf to the correct place for
the system to find it.
$ sudo mv /etc/wvdial.conf /etc/wvdial.conf.bak
$ sudo mv /home/pi/iotbit_Install/wvdial.conf /etc/wvdial.conf
$ sudo wvdial
This last step takes around 30 seconds.
If successful, you should be connected to the internet with your Raspberry Pi.
4.2.10 Set wvdial to use modem automatically
To enable the Raspberry Pi to connect IoT Bit to the
internet using the mobile network automatically,
we use the following steps.
First, open the file called interfaces using:
$ sudo nano /etc/network/interfaces
Then add the following lines at the bottom of the file:
$ auto ppp0
$ iface ppp0 inet wvdial
Then reboot the Pi, ensuring that the IoT Bit is on and
the Modem USB port is connected to the Pi.
$ sudo reboot
If successful when the Raspberry Pi boots you should be able to connect to the internet using your IoT Bit.
Figure 23 - Wvdial Interface
Figure 24 - Interfaces File
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com