Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI01-3 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PI01-3
Description  IoT Bit 3G v1.6
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PI01-3 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PI01-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 18Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 19Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 20Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
5. Troubleshooting
Q: Which countries will IoT Bit work?
A: IoT Bit will work in any country with either 4g, LTE, 3g or GSM networks, we work out which one you
will need based on your shipping address so please ensure this is correct.
Q: Which IOS system does these products support?
A: Windows, Raspbian, and Ubuntu.
Q: How do I power the IoT Bit and Raspberry Pi?
A: When using a Raspberry Pi with the IoT Bit HAT, power the IoT Bit from the wall using a Raspberry Pi
charger.
Q: What is the internet speed of the IoT Bit?
A: The datasheet states that can go up to 100MB, depending on the signal reception of the antenna.
Q: Do you have the dimensions for this product?
A: The board size is 65mm by 56.5mm then the antenna that the supply comes out of is 23mm of the
board. So all together is 87mm by 78mm.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com