Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI01-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PI01-3
Description  IoT Bit 3G v1.6
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PI01-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PI01-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers PI01-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1
Specifications
Dimensions
65 x 65 x 11mm
Proccessor
Arm Cortex M0
Power
Operates at 3.3V, Micro USB socket 5V1, 3.6 – 4.2V LiPo battery
Power Consumption
Idle ~25mA
Modem on ~100mA
Sending SMS ~200mA
Making Call ~250mA
Transmitting Data ~400mA
Regions
America, Asia, Europe
Modem
(14.4 mbps down/ 5.76 mbps up)
Good for large downloads and video streaming.
GPS
U.FL Connector
Antenna
SMA Female
Connectors:
Micro USB
Micro USB 2 x USB 2.0 Connector
Sim Card
Micro Sim
GPIO Connector
40-pin 2.54 mm (100 mil) expansion header: 2x20 strip
Battery Terminal
2-pin battery terminal
HAT Features
3G Mobile Data for the Raspberry Pi
Supports any micro sim
Single terminal command set-up
Real Time Clock
Modular GPS antenna support
High-efficiency power regulation
Compatible with Sensly HAT
Compatible with solar panels & battery packs
Key Applications
Mobile data hotspot
IoT applications
Media Streaming
Robotics
Industrial/Home automation
Server/cloud server
Print server
Security monitoring
GPS Tracking
Gaming
Wireless access point
Environmental sensing/monitoring (e.g. weather station)
IoT Bit 3G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com