Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV15NETLX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMV15NETLX
Description  1.4kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (16 5-15R), 10 ft. Cord with 5-15P, 0U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV15NETLX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMV15NETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV15NETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV15NETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV15NETLX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Distributes Network-Grade AC Power1.4kW 120V switched PDU with single-phase inputRecommended
for network applications requiring individual outlet control, load shedding and remote monitoring of critical
network componentsNEMA 5-15P plug with 10 ft. cord connects to compatible AC power sourceFirmware
upgrades support future product enhancements
16 Switched NEMA 5-15R Outlets Distribute AC PowerIndividual outlets can be remotely controlled to
power up, power down, reboot or lock out devicesCord retention brackets prevent cables from becoming
accidentally disconnected
Digital AmmeterReports total PDU load in real timeSupports IP-address self-IDRotates 180° for easy
reading at either angle
Built-In LX Platform InterfaceAllows full remote access for power monitoring with email notifications via
secure web browser, SNMP, telnet or SSHSupports 10/100 Mbps auto-sensing for communication with an
Ethernet networkOptional EnviroSense2 modules (sold separately) provide a variety of environmental
monitoring capabilitiesNo Java required
Broad Communications CompatibilitySupports IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2,
SNMPv3, telnet, SSH, FTP, DHCP and NTPSupports automatic and manual assignment of IP address
Reduce Service Calls with Auto Probe Autonomous Device ManagementThe Auto Probe feature
(Firmware 15.5.2 and greater) checks the connectivity status of any networked device and automatically
takes one or more user-configured actions if the device fails to respond; actions include outlet reboot, set
SNMP traps, SNMP OID sets, and even script execution when used in conjunction with the Tripp Lite
PowerAlert Network Shutdown Agent (PANSA)
Easy 0U Installation in EIA-Standard 19 in. RacksVertical PDU mounts using included toolless buttons
or rack-mounting bracketsIncluded PDUMVROTATEBRKT allows mounting with rear-facing outlets
TAA-CompliantCompliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
OVERVIEW
UPC Code
037332205193
PDU Type
Switched
INPUT
PDU Input Voltage
100; 120; 127
Recommended Electrical Service
15A 120V
Maximum Input Amps
15
Maximum Input Amps Details
Agency de-rated to 12A continuous
PDU Plug Type
NEMA 5-15P
Input Phase
Single-Phase
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
OUTPUT
Output Capacity Details
1.52kW (127V), 1.44kW (120V), 1.2kW (100V) / 15A total capacity (Agency de-rated to 12A); 12A max per outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(16) 5-15R
Output Nominal Voltage
100; 120; 127
Overload Protection
n/a
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com