Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV15NETLX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMV15NETLX
Description  1.4kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (16 5-15R), 10 ft. Cord with 5-15P, 0U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV15NETLX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMV15NETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV15NETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV15NETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV15NETLX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.4kW Single-Phase Switched PDU with LX
Platform Interface, 120V Outlets (16 5-15R), 10 ft.
Cord with 5-15P, 0U, TAA
MODEL NUMBER: PDUMV15NETLX
1.4kW vertical PDU distributes, monitors and manages single-phase power in an IT environment with no
Java required. Built-in network interface helps you remotely monitor load levels to prevent overloads that
cause downtime.
Description
The PDUMV15NETLX 1.4kW Single-Phase Switched PDU provides advanced network control and
remote power monitoring with the ability to turn on, turn off, reboot or lock out power to each outlet.
Recommended for IT and industrial applications, the vertical PDU features 16 switched NEMA 5-15R
outlets with included cord retention brackets to prevent cables from becoming accidentally disconnected.
A 10-foot cord with NEMA 5-15P plug connects the PDU to a compatible AC power source, generator or
protected UPS.
The built-in Java-free HTML5-based LX Platform network interface enables full remote access for PDU
status monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports
10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2
modules (sold separately) provide a variety of environmental monitoring capabilities. Protocols supported
include IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and
NTP.
A digital ammeter allows you to monitor the total load in real time to ensure it remains well below
maximum capacity with no danger of overload. The vertical PDU mounts in 0U of space in EIA-standard
19-inch racks using the included toolless mounting buttons or the included rack-mounting brackets. Use
the included PDUMVROTATEBRKT kit to install the unit with outlets facing the rear for better airflow or
equipment access.
Features
Highlights
1.4kW 120V single-phase
switched 0U PDU
q
16 individually controllable
NEMA 5-15R outlets
q
Built-in LX Platform interface for
24/7 remote access
q
Auto Probe for Autonomous
Device Management
q
Digital ammeter for on-site load
monitoring in real time
q
NEMA 5-15P input with 10 ft.
AC power cord
q
To enable the Auto Probe
feature, this product requires LX
firmware update 15.5.2 or later
to be installed
q
Package Includes
PDUMV15NETLX 1.4kW Single-
Phase Switched PDU
q
Built-in LX Platform interface
q
Configuration cable
q
(16) Cable ties
q
(2) Cord retention brackets
q
Rack-mounting hardware
q
PDUMVROTATEBRKT
mounting bracket accessory
q
Owner’s manual
q
1 / 4


Similar Part No. - PDUMV15NETLX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
logo
Tripp Lite. All Rights ...
PDUMV15-24 TRIPPLITE-PDUMV15-24 Datasheet
160Kb / 3P
1.4kW Single-Phase Metered PDU, 120V Outlets (8 5-15R), 5-15P, 15 ft. (4.57 m) Cord, 0U Vertical, 24 in.
PDUMV15-36 TRIPPLITE-PDUMV15-36 Datasheet
161Kb / 3P
1.5kW Single-Phase Local Metered PDU, 100-127V Outlets (14 5-15R), 5-15P, 15 ft. (4.57 m) Cord, 0U Vertical, 36 in.
More results

Similar Description - PDUMV15NETLX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUMH15 ETC2-PDUMH15 Datasheet
486Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input, 15ft / 4.5m cord
PDUMH15NET ETC2-PDUMH15NET Datasheet
115Kb / 4P
Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P input plug
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
logo
Tripp Lite. All Rights ...
PDU1415 TRIPPLITE-PDU1415 Datasheet
465Kb / 3P
1.8kW Single-Phase Basic PDU, 120V Outlets (145-15R), 5-15P, 15ft Cord, 0U Vertical
PDUMV32HVNETLX TRIPPLITE-PDUMV32HVNETLX Datasheet
171Kb / 3P
7.4kW Single-Phase Switched PDU with LX Platform Interface, 230V Output, IEC 309 32A Blue, 10 ft. Cord, 0U, TAA
PDUMV15-24 TRIPPLITE-PDUMV15-24 Datasheet
160Kb / 3P
1.4kW Single-Phase Metered PDU, 120V Outlets (8 5-15R), 5-15P, 15 ft. (4.57 m) Cord, 0U Vertical, 24 in.
PDUMNV30LX TRIPPLITE-PDUMNV30LX Datasheet
178Kb / 4P
2.9kW Single-Phase Monitored PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), L5-30P Plug, 0U Vertical, TAA
PDUMV30NETLX TRIPPLITE-PDUMV30NETLX Datasheet
184Kb / 4P
2.9kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), 10 ft. Cord with L5-30P, 0U, TAA
PDUMVR30HVNETLX TRIPPLITE-PDUMVR30HVNETLX Datasheet
186Kb / 4P
5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com