Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV15NETLX Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMV15NETLX
Description  1.4kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (16 5-15R), 10 ft. Cord with 5-15P, 0U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV15NETLX Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMV15NETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV15NETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV15NETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV15NETLX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Customized Load Management
Receptacles
16 individually switched output receptacles
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital LED display reports total PDU output current in amps
Front Panel LEDs
16 LEDs display power on-off status for each output receptacle; Network Link/Activity Status LED (Yellow), Network
Speed LED (Green); LX Platform status LED (Green)
Switches
Pushbutton control supports 180 degree Display Rotation and Scroll IP address functions; LX Platform Interface:
Recessed rest switch for interface reboot and factory reset
PHYSICAL
Form Factors Supported
0U vertical rackmount. Includes mounting brackets. Supports toolless mounting in button-mount compatible racks
PDU Form Factor
Vertical (0U)
Shipping Dimensions (hwd / cm)
10.16 x 15.24 x 131.44
Shipping Dimensions (hwd / in.)
4.00 x 6.00 x 51.75
Shipping Weight (kg)
4.99
Shipping Weight (lbs.)
11.00
Unit Dimensions (hwd / cm)
124.5 x 5.6 x 6.7
Unit Dimensions (hwd / in.)
49 x 2.19 x 2.65
Unit Weight (kg)
3.18
Unit Weight (lbs.)
7
ENVIRONMENTAL
Storage Temperature Range
-30°C to +60°C (-22°F to +140°F)
Relative Humidity
5-95% non-condensing
COMMUNICATIONS
Network Monitoring Port
RJ45 Network port, RJ45 Console port; USB A supports a variety of Envirosense2 environmental monitoring and
control options. See Accessories>Management Hardware section for more information about these modules.
SNMP Compatibility
Pre-installed LX platform interface provides remote monitoring via Java-free HTML5 web interface, Telnet, SSH, CLI
and SNMP management systems
SPECIAL FEATURES
High Availability PDU Features
Auto Probe Monitoring and Reboot (included)
STANDARDS & COMPLIANCE
Certifications
Tested to UL60950-1: 2007 (USA), CAN/CSA-C22.2 NO. 60950-1-07 (Canada), FCC Class A Part 15 (Emissions),
NOM (Mexico), RoHS Compliant, TAA Compliant
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com