Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 39Page - NXP Semiconductors MMPF0100 Datasheet HTML 40Page - NXP Semiconductors MMPF0100 Datasheet HTML 41Page - NXP Semiconductors MMPF0100 Datasheet HTML 42Page - NXP Semiconductors MMPF0100 Datasheet HTML 43Page - NXP Semiconductors MMPF0100 Datasheet HTML 44Page - NXP Semiconductors MMPF0100 Datasheet HTML 45Page - NXP Semiconductors MMPF0100 Datasheet HTML 46Page - NXP Semiconductors MMPF0100 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 136 page
background image
NXP Semiconductors
43
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Table 42 provides a list of registers used to configure and operate SW1A/B/C and a detailed description on each one of these register is
provided in Table 43 through Table 52.
Table 42. SW1A/B/C register summary
Register
Address
Output
SW1ABVOLT
0x20
SW1AB output voltage set point in normal operation
SW1ABSTBY
0x21
SW1AB output voltage set point on standby
SW1ABOFF
0x22
SW1AB output voltage set point on sleep
SW1ABMODE
0x23
SW1AB switching mode selector register
SW1ABCONF
0x24
SW1AB DVS, phase, frequency and ILIM configuration
SW1CVOLT
0x2E
SW1C output voltage set point in normal operation
SW1CSTBY
0x2F
SW1C output voltage set point in standby
SW1COFF
0x30
SW1C output voltage set point in sleep
SW1CMODE
0x31
SW1C switching mode selector register
SW1CCONF
0x32
SW1C DVS, phase, frequency and ILIM configuration
Table 43. Register SW1ABVOLT - ADDR 0x20
Name
Bit #
R/W
Default
Description
SW1AB
5:0
R/W
0x00
Sets the SW1AB output voltage during normal
operation mode. See Table 41 for all possible
configurations.
UNUSED
7:6
–
0x00
unused
Table 44. Register SW1ABSTBY - ADDR 0x21
Name
Bit #
R/W
Default
Description
SW1ABSTBY
5:0
R/W
0x00
Sets the SW1AB output voltage during standby
mode. See Table 41 for all possible
configurations.
UNUSED
7:6
–
0x00
unused
Table 45. Register SW1ABOFF - ADDR 0x22
Name
Bit #
R/W
Default
Description
SW1ABOFF
5:0
R/W
0x00
Sets the SW1AB output voltage during sleep
mode. See Table 41 for all possible
configurations.
UNUSED
7:6
–
0x00
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com