Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 53Page - NXP Semiconductors MMPF0100 Datasheet HTML 54Page - NXP Semiconductors MMPF0100 Datasheet HTML 55Page - NXP Semiconductors MMPF0100 Datasheet HTML 56Page - NXP Semiconductors MMPF0100 Datasheet HTML 57Page - NXP Semiconductors MMPF0100 Datasheet HTML 58Page - NXP Semiconductors MMPF0100 Datasheet HTML 59Page - NXP Semiconductors MMPF0100 Datasheet HTML 60Page - NXP Semiconductors MMPF0100 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 136 page
background image
NXP Semiconductors
57
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Switch mode supply SW2 (continued)
ηSW2
Efficiency
•VIN = 3.6 V, fSW2 = 2.0 MHz, LSW2 = 1.0 μH
• PFM, 3.15 V, 1.0 mA
• PFM, 3.15 V, 50 mA
• APS, PWM, 3.15 V, 400 mA
• APS, PWM, 3.15 V, 600 mA
• APS, PWM, 3.15 V, 1000 mA
• APS, PWM, 3.15 V, 2000 mA
–
–
–
–
–
–
94
95
96
94
92
86
–
–
–
–
–
–
%
ΔVSW2
Output ripple
–
10
–
mV
VSW2LIR
Line regulation (APS, PWM)
–
–
20
mV
VSW2LOR
DC load regulation (APS, PWM)
–
–
20
mV
VSW2LOTR
Transient load regulation
• Transient load = 0.0 mA to 1.0 A, di/dt = 100 mA/
μs
• Overshoot
• Undershoot
–
–
–
–
50
50
mV
ISW2Q
Quiescent current
• PFM mode
• APS mode (low output voltage settings)
• APS mode (high output voltage settings)
–
–
–
23
145
305
–
–
–
µA
RONSW2P
SW2 P-MOSFET RDS(on)
• at VIN = VINSW2 = 3.3 V
–
190
209
m
Ω
RONSW2N
SW2 N-MOSFET RDS(on)
• at VIN = VINSW2 = 3.3 V
–
212
255
m
Ω
ISW2PQ
SW2 P-MOSFET leakage current
• VIN = VINSW2 = 4.5 V
––
12
µA
ISW2NQ
SW2 N-MOSFET leakage current
• VIN = VINSW2 = 4.5 V
––
4.0
µA
RSW2DIS
Discharge resistance
–
600
–
Ω
Notes
50.
When output is set to > 2.6 V the output follows the input down when VIN gets near 2.8 V.
51.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW2 - VSW2) = ISW2* (DCR of Inductor +RONSW2P + PCB trace resistance).
52.
Applies to NP, F9, and FA Industrial versions only (ANES suffix)
Table 63. SW2 electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA,
SW2_PWRSTG[2:0] = [111], typical external component values, fSW2 = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com