Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 52Page - NXP Semiconductors MMPF0100 Datasheet HTML 53Page - NXP Semiconductors MMPF0100 Datasheet HTML 54Page - NXP Semiconductors MMPF0100 Datasheet HTML 55Page - NXP Semiconductors MMPF0100 Datasheet HTML 56Page - NXP Semiconductors MMPF0100 Datasheet HTML 57Page - NXP Semiconductors MMPF0100 Datasheet HTML 58Page - NXP Semiconductors MMPF0100 Datasheet HTML 59Page - NXP Semiconductors MMPF0100 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 136 page
background image
56
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.4.2
SW2 external components
6.4.4.4.3
SW2 Specifications
Table 62. SW2 external component recommendations
Components
Description
Values
CINSW2(49)
SW2 input capacitor
4.7
μF
CIN2HF(49)
SW2 decoupling input capacitor
0.1
μF
COSW2(49)
SW2 output capacitor
3 x 22
μF
LSW2
SW2 inductor
1.0
μH
Notes
49.
Use X5R or X7R capacitors.
Table 63. SW2 electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA,
SW2_PWRSTG[2:0] = [111], typical external component values, fSW2 = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Notes
Switch mode supply SW2
VINSW2
Operating input voltage
2.8
–
4.5
V
(50)
VSW2
Nominal output voltage
–
Table 55
–V
VSW2ACC
Output voltage accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW2 < 2.0 A
• 0.625 V < VSW2 < 0.85 V
• 0.875 V < VSW2 < 1.975 V
• 2.0 V < VSW2 < 3.3 V
• PFM, 2.8 V < VIN < 4.5 V, 0 < ISW2 ≤ 50 mA
• 0.625 V < VSW2 < 0.675 V
• 0.7 V < VSW2 < 0.85 V
• 0.875 V < VSW2 < 1.975 V
• 2.0 V < VSW2 < 3.3 V
-25
-3.0%
-6.0%
-65
-45
-3.0%
-3.0%
–
–
–
–
–
–
–
25
3.0%
6.0%
65
45
3.0%
3.0%
mV
%
ISW2
Rated output load current
• 2.8 V < VIN < 4.5 V, 0.625 V < VSW2 < 3.3 V
• 2.8 V < VIN < 4.5 V, 1.2 V < VSW2 < 3.3 V, SW2LIM = 0
–
–
–
–
2000
2500
mA
(51)
(52)
ISW2LIM
Current limiter peak current detection
• Current through inductor
• SW2ILIM = 0
• SW2ILIM = 1
2.8
2.1
4.0
3.0
5.2
3.9
A
VSW2OSH
Start-up overshoot
• ISW2 = 0.0 mA
• DVS clk = 25 mV/4
μs, VIN = VINSW2 = 4.5 V
––
66
mV
tONSW2
Turn-on time
• Enable to 90% of end value
• ISW2 = 0.0 mA
• DVS clk = 50 mV/8
μs, VIN = VINSW2 = 4.5 V
–
–
550
µs
fSW2
Switching frequency
• SW2FREQ[1:0] = 00
• SW2FREQ[1:0] = 01
• SW2FREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com