Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PR-1DITF-R Datasheet(PDF) 98 Page - Micron Technology

Part # EDBA164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PR-1DITF-R Datasheet(HTML) 98 Page - Micron Technology

Back Button EDBA164B4PR-1DITF-R Datasheet HTML 94Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 95Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 96Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 97Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 98Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 99Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 100Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 101Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 102Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 152 page
background image
Table 56: Current State Bank n to Command to Bank n Truth Table (Continued)
Notes 1–5 apply to all parameters and conditions
Current State
Command
Operation
Next State
Notes
Reading
READ
Select column and start new read burst
Reading
11, 12
WRITE
Select column and start write burst
Writing
11, 12, 13
BST
Read burst terminate
Active
14
Writing
WRITE
Select column and start new write burst
Writing
11, 12
READ
Select column and start read burst
Reading
11, 12, 15
BST
Write burst terminate
Active
14
Power-on
RESET
Begin device auto initialization
Resetting
7, 9
Resetting
MRR
Read value from mode register
Resetting MR reading
Notes:
1. Values in this table apply when both CKEn -1 and CKEn are HIGH, and after tXSR or tXP
has been met, if the previous state was power-down.
2. All states and sequences not shown are illegal or reserved.
3. Current state definitions:
Idle: The bank or banks have been precharged, and tRP has been met.
Active: A row in the bank has been activated, and tRCD has been met. No data bursts or
accesses and no register accesses are in progress.
Reading: A READ burst has been initiated with auto precharge disabled and has not yet
terminated or been terminated.
Writing: A WRITE burst has been initiated with auto precharge disabled and has not yet
terminated or been terminated.
4. These states must not be interrupted by a command issued to the same bank. NOP com-
mands or supported commands to the other bank must be issued on any clock edge oc-
curring during these states. Supported commands to the other banks are determined by
that bank’s current state and the definitions given here.
Precharge: Starts with registration of a PRECHARGE command and ends when tRP is
met. After tRP is met, the bank is in the idle state.
Row activate: Starts with registration of an ACTIVATE command and ends when tRCD is
met. After tRCD is met, the bank is in the active state.
READ with AP enabled: Starts with registration of a READ command with auto pre-
charge enabled and ends when tRP is met. After tRP is met, the bank is in the idle state.
WRITE with AP enabled: Starts with registration of a WRITE command with auto pre-
charge enabled and ends when tRP is met. After tRP is met, the bank is in the idle state.
5. These states must not be interrupted by any executable command. NOP commands must
be applied to each rising clock edge during these states.
Refresh (per bank): Starts with registration of a REFRESH (per bank) command and ends
when tRFCpb is met. After tRFCpb is met, the bank is in the idle state.
Refresh (all banks): Starts with registration of a REFRESH (all banks) command and ends
when tRFCab is met. After tRFCab is met, the device is in the all banks idle state.
Idle MR reading: Starts with registration of the MRR command and ends when tMRR is
met. After tMRR is met, the device is in the all banks idle state.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Truth Tables
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
98
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com