Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PR-1DITF-R Datasheet(PDF) 10 Page - Micron Technology

Part # EDBA164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PR-1DITF-R Datasheet(HTML) 10 Page - Micron Technology

Back Button EDBA164B4PR-1DITF-R Datasheet HTML 6Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 7Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 8Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 9Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 10Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 11Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 12Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 13Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
IDD Specifications
Table 4: IDD Specifications – Dual Die, Dual Channel
VDD2, VDDQ = 1.14–1.30V; VDD1 = 1.70–1.95V; TC = –40°C to +85°C
Symbol
Supply
Speed
Unit
Parameter/Condition
1066
IDD01
VDD1
16
mA
All devices in operating one bank active-precharge
Conditions for operating devices are:
tCK = tCK(avg) MIN; tRC = tRC (MIN);
CKE is HIGH; CS_n is HIGH between valid commands;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
IDD02
VDDQVDDQ
100
IDD2P1
VDD1
0.8
mA
All devices in idle power-down standby current
tCK = tCK(avg) MIN; CKE is LOW;
CS_n is HIGH; All banks are idle;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
IDD2P2
VDDQVDDQ
1.8
IDD2PS1
VDD1
0.8
mA
All devices in idle power-down standby current with clock
stop
CK_t = LOW, CK_c = HIGH; CKE is LOW;
CS_n is HIGH; All banks are idle;
CA bus inputs are STABLE;
Data bus inputs are STABLE
IDD2PS2
VDDQVDDQ
1.8
IDD2N1
VDD1
1.2
mA
All devices in idle non power-down standby current.
tCK = tCK(avg) MIN; CKE is HIGH;
CS_n is HIGH; All banks idle;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
IDD2N2
VDDQVDDQ
26
IDD2NS1
VDD1
1.2
mA
All devices in idle non power-down standby current with
clock stop
CK_t = LOW, CK_c = HIGH; CKE is HIGH;
CS_n is HIGH; All banks are idle;
CA bus inputs are STABLE;
Data bus inputs are STABLE
IDD2NS2
VDDQVDDQ
12
IDD3P1
VDD1
1.6
mA
All devices in active power-down standby current
tCK = tCK(avg) MIN; CKE is LOW;
CS_n is HIGH; One bank is active;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
IDD3P2
VDDQVDDQ
10
IDD3PS1
VDD1
1.6
mA
All devices in active power-down standby current with
clock stop
CK_t = LOW, CK_c = HIGH; CKE is LOW;
CS_n is HIGH; One bank is active;
CA bus inputs are STABLE;
Data bus inputs are STABLE
IDD3PS2
VDDQVDDQ
10
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
IDD Specifications
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
10
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com