Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PR-1DITF-R Datasheet(PDF) 26 Page - Micron Technology

Part # EDBA164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PR-1DITF-R Datasheet(HTML) 26 Page - Micron Technology

Back Button EDBA164B4PR-1DITF-R Datasheet HTML 22Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 23Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 24Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 25Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 26Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 27Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 28Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 29Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 30Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 152 page
background image
Figure 10: Functional Block Diagram
CS_n
CA[9:0]
Input and Output buffer
Latch circuit
Data control circuit
Column
address
buffer
and
burst
counter
Row
address
buffer
and
refresh
counter
Mode
register
DQ
CK_t
CK_c
CKE
DQS_t
DQS_c
DM
Bank n
Column decoder
Memory cell array
Bank 0
Sense amp.
Note:
1. 512Mb is a 4-bank only.
Simplified State Diagram
The state diagram provides a simplified illustration of allowed state transitions and the
related commands to control them. For a complete definition of the device behavior,
the information provided by the state diagram should be integrated with the truth ta-
bles and timing specification. The truth tables provide complementary information to
the state diagram, they clarify the device behavior and the applied restrictions when
considering the actual state of all the banks.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Simplified State Diagram
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
26
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com