Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PT-1DITF-R Datasheet(PDF) 113 Page - Micron Technology

Part # EDBA164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PT-1DITF-R Datasheet(HTML) 113 Page - Micron Technology

Back Button EDBA164B4PT-1DITF-R Datasheet HTML 109Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 110Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 111Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 112Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 113Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 114Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 115Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 116Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 117Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 152 page
background image
2. For CK_t and CK_c, use VIH/VIL(AC) of CA and VREFCA; for DQS_t and DQS_c, use VIH/VIL(AC)
of DQ and VREFDQ. If a reduced AC HIGH or AC LOW is used for a signal group, the re-
duced voltage level also applies.
3. Used to define a differential signal slew rate. For CK_t - CK_c use VIH/VIL(dc) of CA and
VREFCA; for DQS_t - DQS_c, use VIH/VIL(dc) of DQs and VREFDQ; if a reduced dc-high or
dc-low level is used for a signal group,then the reduced level applies also here.
Table 72: CK_t/CK_c and DQS_t/DQS_c Time Requirements Before Ringback (tDVAC)
Slew Rate (V/ns)
tDVAC (ps) at VIH/VILdiff(AC) = 440mV
tDVAC (ps) at VIH/VILdiff(AC) = 600mV
Min
Min
> 4.0
175
75
4.0
170
57
3.0
167
50
2.0
163
38
1.8
162
34
1.6
161
29
1.4
159
22
1.2
155
13
1.0
150
0
< 1.0
150
0
Single-Ended Requirements for Differential Signals
Each individual component of a differential signal (CK_t, CK_c, DQS_t, and DQS_c)
must also comply with certain requirements for single-ended signals.
CK_t and CK_c must meet VSEH(AC)min/VSEL(AC)max in every half cycle. DQS_t, DQS_c
must meet VSEH(AC)min/VSEL(AC)max in every half cycle preceding and following a valid
transition.
The applicable AC levels for CA and DQ differ by speed bin.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC and DC Logic Input Measurement Levels for Differential
Signals
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
113
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com