Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PT-1DITF-R Datasheet(PDF) 116 Page - Micron Technology

Part # EDBA164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PT-1DITF-R Datasheet(HTML) 116 Page - Micron Technology

Back Button EDBA164B4PT-1DITF-R Datasheet HTML 112Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 113Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 114Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 115Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 116Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 117Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 118Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 119Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 120Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 152 page
background image
Input Slew Rate
Table 75: Differential Input Slew Rate Definition
Description
Measured1
Defined by
From
To
Differential input slew rate for rising
edge (CK_t/CK_c and DQS_t/DQS_c)
VIL,diff,max
VIH,diff,min
[VIH,diff,min - VIL,diff,maxΔTRdiff
Differential input slew rate for falling
edge (CK_t/CK_c and DQS_t/DQS_c)
VIH,diff,min
VIL,diff,max
[VIH,diff,min - VIL,diff,maxΔTFdiff
Note:
1. The differential signals (CK_t/CK_c and DQS_t/DQS_c) must be linear between these
thresholds.
Figure 75: Differential Input Slew Rate Definition for CK_t, CK_c, DQS_t, and DQS_c
V
IH,diff,min
0
V
IL,diff,max
Time
ΔTF
diff
ΔTR
diff
Output Characteristics and Operating Conditions
Table 76: Single-Ended AC and DC Output Levels
Symbol
Parameter
Value
Unit Notes
VOH(AC)
AC output HIGH measurement level (for output slew rate)
VREF + 0.12
V
VOL(AC)
AC output LOW measurement level (for output slew rate)
VREF - 0.12
V
VOH(DC)
DC output HIGH measurement level (for I-V curve linearity)
0.9 x VDDQ
V1
VOL(DC)
DC output LOW measurement level (for I-V curve linearity)
0.1 x VDDQ
V2
IOZ
Output leakage current (DQ, DM, DQS_t, DQS_c);
DQ, DQS_t, DQS_c are disabled; 0V
≤ V
OUT ≤ VDDQ
MIN
–5
μA
MAX
+5
μA
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Output Characteristics and Operating Conditions
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
116
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com