Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PT-1DITF-R Datasheet(PDF) 123 Page - Micron Technology

Part # EDBA164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PT-1DITF-R Datasheet(HTML) 123 Page - Micron Technology

Back Button EDBA164B4PT-1DITF-R Datasheet HTML 119Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 120Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 121Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 122Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 123Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 124Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 125Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 126Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 127Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 152 page
background image
4. Pull-down and pull-up output driver impedances should be calibrated at 0.5 x VDDQ.
5. Measurement definition for mismatch between pull-up and pull-down, MMPUPD:
Measure RONPU and RONPD, both at 0.5 × VDDQ:
MMPUPD =
R
ONPU – RONPD × 100
R
ON,nom
For example, with MMPUPD (MAX) = 15% and RONPD = 0.85, RONPU must be less than 1.0.
Output Driver Temperature and Voltage Sensitivity
If temperature and/or voltage change after calibration, the tolerance limits widen.
Table 84: Output Driver Sensitivity Definition
Resistor
VOUT
Min
Max
Unit
RONPD
0.5 × VDDQ
85 – (dRONdT ΔT|) – (dRONdV ΔV|)
115 + (dRONdT ΔT|) + (dRONdV ΔV|)
%
RONPU
Notes:
1.
ΔT = T - T (at calibration). ΔV = V - V (at calibration).
2. dRONdT and dRONdV are not subject to production testing; they are verified by design
and characterization.
Table 85: Output Driver Temperature and Voltage Sensitivity
Symbol
Parameter
Min
Max
Unit
RONdT
RON temperature sensitivity
0.00
0.75
%/˚C
RONdV
RON voltage sensitivity
0.00
0.20
%/mV
Output Impedance Characteristics Without ZQ Calibration
Output driver impedance is defined by design and characterization as the default set-
ting.
Table 86: Output Driver DC Electrical Characteristics Without ZQ Calibration
RONnom
Resistor
VOUT
Min
Typ
Max
Unit

Ω
RON34PD
0.5 × VDDQ
0.70
1.00
1.30
RZQ/7
RON34PU
0.5 × VDDQ
0.70
1.00
1.30
RZQ/7

Ω
RON40PD
0.5 × VDDQ
0.70
1.00
1.30
RZQ/6
RON40PU
0.5 × VDDQ
0.70
1.00
1.30
RZQ/6

Ω
RON48PD
0.5 × VDDQ
0.70
1.00
1.30
RZQ/5
RON48PU
0.5 × VDDQ
0.70
1.00
1.30
RZQ/5

Ω
RON60PD
0.5 × VDDQ
0.70
1.00
1.30
RZQ/4
RON60PU
0.5 × VDDQ
0.70
1.00
1.30
RZQ/4

Ω
RON80PD
0.5 × VDDQ
0.70
1.00
1.30
RZQ/3
RON80PU
0.5 × VDDQ
0.70
1.00
1.30
RZQ/3
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Output Driver Impedance
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
123
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com