Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PT-1DITF-R Datasheet(PDF) 127 Page - Micron Technology

Part # EDBA164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PT-1DITF-R Datasheet(HTML) 127 Page - Micron Technology

Back Button EDBA164B4PT-1DITF-R Datasheet HTML 123Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 124Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 125Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 126Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 127Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 128Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 129Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 130Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 131Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 152 page
background image
Table 88: Definitions and Calculations
Symbol
Description
Calculation
Notes
tCK(avg) and
nCK
The average clock period across any consecutive
200-cycle window. Each clock period is calculated
from rising clock edge to rising clock edge.
Unit tCK(avg) represents the actual clock average
tCK(avg)of the input clock under operation. Unit
nCK represents one clock cycle of the input clock,
counting from actual clock edge to actual clock
edge.
tCK(avg)can change no more than ±1% within a
100-clock-cycle window, provided that all jitter
and timing specifications are met.
tCK(avg) =
Σ tCK
j /N
Where N = 200
N
j = 1
tCK(abs)
The absolute clock period, as measured from one
rising clock edge to the next consecutive rising
clock edge.
1
tCH(avg)
The average HIGH pulse width, as calculated
across any 200 consecutive HIGH pulses.
tCH(avg) =
Σ tCH
j
/
(N × tCK(avg))
Where N = 200
N
j = 1
tCL(avg)
The average LOW pulse width, as calculated
across any 200 consecutive LOW pulses.
tCL(avg) =
Σ tCL
j
/(N × tCK(avg))
Where N = 200
N
j = 1
tJIT(per)
The single-period jitter defined as the largest de-
viation of any signal tCK from tCK(avg).
tJIT(per) = min/max of tCK
i –
tCK(avg)
Where i = 1 to 200
1
tJIT(per),act
The actual clock jitter for a given system.
tJIT(per),
allowed
The specified clock period jitter allowance.
tJIT(cc)
The absolute difference in clock periods between
two consecutive clock cycles. tJIT(cc) defines the
cycle-to-cycle jitter.
tJIT(cc) = max of tCK
i + 1 –
tCK
i
1
tERR(nper)
The cumulative error across n multiple consecu-
tive cycles from tCK(avg).
tERR(nper) =
Σ tCK
j
– (n × tCK(avg))
i + n – 1
j = i
1
tERR(nper),act
The actual cumulative error over n cycles for a
given system.
tERR(nper),
allowed
The specified cumulative error allowance over n
cycles.
tERR(nper),min The minimum tERR(nper).
tERR(nper),min = (1 + 0.68LN(n)) × tJIT(per),min
2
tERR(nper),max The maximum tERR(nper).
tERR(nper),max = (1 + 0.68LN(n)) × tJIT(per),max
2
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Clock Specification
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
127
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com