Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9023P Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9023P
Description  Premier Stereo DAC with 2Vrms Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9023P Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9023P Datasheet HTML 4Page - ESS Technology,Inc ES9023P Datasheet HTML 5Page - ESS Technology,Inc ES9023P Datasheet HTML 6Page - ESS Technology,Inc ES9023P Datasheet HTML 7Page - ESS Technology,Inc ES9023P Datasheet HTML 8Page - ESS Technology,Inc ES9023P Datasheet HTML 9Page - ESS Technology,Inc ES9023P Datasheet HTML 10Page - ESS Technology,Inc ES9023P Datasheet HTML 11Page - ESS Technology,Inc ES9023P Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CONFIDENTIAL ADVANCE INFORMATION Rev. 0.71
April 6, 2015
ES9023 Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
8
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Storage temperature
–65°C to +105°C
Voltage range for 5V tolerant pins
–0.5V to +5.5V
Voltage range for all other pins
–0.5V to (AVCC+ 0.5V)
WARNING: Stress beyond those listed under the Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the Recommended Operating Conditions section of this
specification is not implied. Exposure to the Absolute Maximum Ratings conditions for extended periods may affect device reliability.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
Operating temperature
TA
0°C to 70°C
Power supply voltage
AVCC
+3.6V ±5%, 31mA nominal (Note 1), or
+3.3V ±5%, 23mA nominal (Note 1)
Note
1) fs = 48kHz, MCLK = 27MHz, I
2S input, output unloaded
DC ELECTRICAL CHARACTERISTICS
Table 1 DC Electrical Characteristics
SYMBOL
PARAMETER
MIN
MAX
UNIT
COMMENTS
2
AVCC
V
All inputs TTL levels except CLK
and 5V tolerant input pins
VIH
High-level input voltage
2
5.5
V
All 5V tolerant inputs
VIL
Low-level input voltage
–0.3
0.8
V
All input TTL levels except CLK
VCLKH
CLK high-level input
2
AVCC+ 0.25
V
VCLKL
CLK low-level input
–0.3
0.8
V
TTL level input
VOH
High-level output voltage
3
V
IOH = 1mA
VOL
Low-level-output voltage
0.45
V
IOL = 4mA
ILI
Input leakage current
15
ILO
Output leakage current
15
A
CIN
Input capacitance
10
CO
Input/output capacitance
12
pF
fc = 1MHz
CCLK
CLK capacitance
20
pF
fc = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com