Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9023P Datasheet(PDF) 10 Page - ESS Technology,Inc

Part # ES9023P
Description  Premier Stereo DAC with 2Vrms Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9023P Datasheet(HTML) 10 Page - ESS Technology,Inc

Back Button ES9023P Datasheet HTML 6Page - ESS Technology,Inc ES9023P Datasheet HTML 7Page - ESS Technology,Inc ES9023P Datasheet HTML 8Page - ESS Technology,Inc ES9023P Datasheet HTML 9Page - ESS Technology,Inc ES9023P Datasheet HTML 10Page - ESS Technology,Inc ES9023P Datasheet HTML 11Page - ESS Technology,Inc ES9023P Datasheet HTML 12Page - ESS Technology,Inc ES9023P Datasheet HTML 13Page - ESS Technology,Inc ES9023P Datasheet HTML 14Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CONFIDENTIAL ADVANCE INFORMATION Rev. 0.71
April 6, 2015
ES9023 Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
10
ANALOG PERFORMANCE
Test Conditions (unless otherwise stated)
1.
TA = 25
oC, AVCC = +3.6V, fs = 44.1kHz, MCLK = 27MHz, 24-bit data, R
L 10k, Signal Frequency = 1kHz
2.
SNR / DNR: A-weighted over 20Hz-22kHz in averaging mode
3.
THD+N: un-weighted over 20Hz-22kHz bandwidth
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
PCM sampling rate
fS
200
kHz
Mute Delay
tDMUTE
500
ms
DYNAMIC PERFORMANCE
DNR (A-weighted)
–60dBFS
112
dB-A
0dBFS
0.002
0.006
%
THD+N
–3dBFS
0.005
%
Interchannel Isolation
100
dB
DC Accuracy
Absolute DC Offset
< 4
mV
0dBFS, AVCC = +3.6V, R8 = 130k
2.0
Vrms
Output Voltage
VO
0dBFS, AVCC = +3.3V, R8 = 220k
1.9
Vrms
Load Resistance
RL
5
k
Digital Filter Performance
0.005dB
0.454fs
Hz
Pass band
–3dB
0.49fs
Hz
Stop band
< –115dB
0.546fs
Hz
Group Delay
35 / fs
s
V
O (Vrms)
R
C = 
2.2
R
8 (k)
1.8
Select R
8 130k for no clipping
2V
AVCC=3.6V
V
O (Vrms)
R
C = 
2
R
8 (k)
1.6
.9V
AVCC=3.3V
Select R
8  220k for no clipping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com