Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9023P Datasheet(PDF) 9 Page - ESS Technology,Inc

Part # ES9023P
Description  Premier Stereo DAC with 2Vrms Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9023P Datasheet(HTML) 9 Page - ESS Technology,Inc

Back Button ES9023P Datasheet HTML 5Page - ESS Technology,Inc ES9023P Datasheet HTML 6Page - ESS Technology,Inc ES9023P Datasheet HTML 7Page - ESS Technology,Inc ES9023P Datasheet HTML 8Page - ESS Technology,Inc ES9023P Datasheet HTML 9Page - ESS Technology,Inc ES9023P Datasheet HTML 10Page - ESS Technology,Inc ES9023P Datasheet HTML 11Page - ESS Technology,Inc ES9023P Datasheet HTML 12Page - ESS Technology,Inc ES9023P Datasheet HTML 13Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
April 6, 2015
CONFIDENTIAL ADVANCE INFORMATION Rev. 0.71
ES9023 Datasheet
9
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
MCLK Timing
t
MCH
t
MCL
t
MCY
MCLK
t
MCH
t
MCL
t
MCY
MCLK
Parameter
Symbol
Min
Max
Unit
MCLK pulse width high
TMCH
9
ns
MCLK pulse width low
TMCL
9
ns
MCLK cycle time
TMCY
20
ns
MCLK duty cycle
45:55
55:45
Audio Interface Timing
t
DCH
t
DCL
t
DCY
DATACLK
t
DH
t
DS
DATA[8:1]
Valid
Invalid
Invalid
t
DCH
t
DCL
t
DCY
DATACLK
t
DH
t
DS
DATA[8:1]
Valid
Invalid
Invalid
BCK
SDI/LRCK
Parameter
Symbol
Min
Max
Unit
BCK pulse width high
tDCH
20
ns
BCK pulse width low
tDCL
20
ns
BCK cycle time
tDCY
44
ns
BCK duty cycle
45:55
55:45
SDI/LRCK set-up time to BCK rising edge
tDS
2
ns
SDI/LRCK hold time to BCK rising edge
tDH
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com