Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9026PRO Datasheet(PDF) 28 Page - ESS Technology,Inc

Part # ES9026PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9026PRO Datasheet(HTML) 28 Page - ESS Technology,Inc

Back Button ES9026PRO Datasheet HTML 24Page - ESS Technology,Inc ES9026PRO Datasheet HTML 25Page - ESS Technology,Inc ES9026PRO Datasheet HTML 26Page - ESS Technology,Inc ES9026PRO Datasheet HTML 27Page - ESS Technology,Inc ES9026PRO Datasheet HTML 28Page - ESS Technology,Inc ES9026PRO Datasheet HTML 29Page - ESS Technology,Inc ES9026PRO Datasheet HTML 30Page - ESS Technology,Inc ES9026PRO Datasheet HTML 31Page - ESS Technology,Inc ES9026PRO Datasheet HTML 32Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.4
March 5, 2019
ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
28
Register 15: GPIO Input Selection & Volume Configuration
Bits
[7:6]
[5:4]
[3]
[2]
[1]
[0]
Mnemonic
gpio_sel2
gpio_sel1
reserved
stereo_mode
ch1_vol
latch_vol
Default
2’b00
2’b00
1’b1
1’b0
1’b0
1’b1
Bit
Mnemonic
Description
[7:6]
gpio_sel2
Selects which input type will be selected
when GPIOX = 1’b1
2’d0: serial data (I2S/LJ/RJ) (default)
2’d1: SPDIF data
2’d2: reserved
2’d3: DSD data
[5:4]
gpio_sel1
Selects which input type will be selected when GPIOX = 1’b0
2’d0: serial data (I2S/LJ/RJ) (default)
2’d1: SPDIF data
2’d2: reserved
2
’d3: DSD data
[3]
reserved
[2]
stereo_mode
Maps channel 1 and channel 2 data across all 8 channels of the DAC.
1’b0: normal 8 channel operation (default)
1’b1: stereo mode operation where channel 1 is mapped to
DACs 1, 3, 5 & 7, and channel 2 is mapped to DACs 2, 4, 6 & 8
[1]
ch1_vol
Force all eight channels to use the volume coefficients from channel 1.
1’b0: each channel has independent volume control (default)
1’b1: all eight DAC channels use the channel 1 volume
coefficient
[0]
latch_vol
Latches the data stores in registers 16-23 for use in calculating a new
volume coefficient. Setting this bit to 0 will allows a customer to
program all 8 channels individually and then update them all at once by
setting this bit back to 1.
1’b0: disables latching of the volume control registers
1’b1: enables the volume control registers (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com