Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9026PRO Datasheet(PDF) 54 Page - ESS Technology,Inc

Part # ES9026PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9026PRO Datasheet(HTML) 54 Page - ESS Technology,Inc

Back Button ES9026PRO Datasheet HTML 49Page - ESS Technology,Inc ES9026PRO Datasheet HTML 50Page - ESS Technology,Inc ES9026PRO Datasheet HTML 51Page - ESS Technology,Inc ES9026PRO Datasheet HTML 52Page - ESS Technology,Inc ES9026PRO Datasheet HTML 53Page - ESS Technology,Inc ES9026PRO Datasheet HTML 54Page - ESS Technology,Inc ES9026PRO Datasheet HTML 55Page - ESS Technology,Inc ES9026PRO Datasheet HTML 56Page - ESS Technology,Inc ES9026PRO Datasheet HTML 57Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.4
March 5, 2019
ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
54
48-Pin LQFP Mechanical Dimensions
Pin 1
D
D
1
E
1
E
b
e
e
1
A
1
A
2
L
L
1
Symbol
Description
MILLIMETERS
Min.
Nom.
Max.
D
Lead-to Lead, X-axis
8.75
9.00
9.25
D1
Package's Outside, X-axis
6.90
7.00
7.10
E
Lead-to Lead, Y-axis
8.75
9.00
9.25
E1
Package's Outside, Y-axis
6.90
7.00
7.10
A1
Board Standoff
0.05
0.10
0.15
A2
Package Thickness
1.35
1.40
1.45
b
Lead Width
0.17
0.20
0.27
e
Lead Pitch
0.50 BSC
e1
Lead Gap
0.23
0.30
0.33
L
Foot Length
0.45
0.60
0.75
L1
Lead Length
1.00
Co-planarity
0.102
Foot Angle
0º
7º
No. of Leads in X-axis
12
No. of Leads in Y-axis
12
No. of Leads Total
48
Package Type
LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com