Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9026PRO Datasheet(PDF) 48 Page - ESS Technology,Inc

Part # ES9026PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9026PRO Datasheet(HTML) 48 Page - ESS Technology,Inc

Back Button ES9026PRO Datasheet HTML 44Page - ESS Technology,Inc ES9026PRO Datasheet HTML 45Page - ESS Technology,Inc ES9026PRO Datasheet HTML 46Page - ESS Technology,Inc ES9026PRO Datasheet HTML 47Page - ESS Technology,Inc ES9026PRO Datasheet HTML 48Page - ESS Technology,Inc ES9026PRO Datasheet HTML 49Page - ESS Technology,Inc ES9026PRO Datasheet HTML 50Page - ESS Technology,Inc ES9026PRO Datasheet HTML 51Page - ESS Technology,Inc ES9026PRO Datasheet HTML 52Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.4
March 5, 2019
ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
48
ANALOG PERFORMANCE (Cont’d)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
PCM Filter Characteristics (Fast Roll Off, Linear Phase)
Pass band Ripple and Bandwidth
0.002dB
0.453 x fs
Hz
–3dB
0.484 x fs
Hz
Stop band
<
–120dB
0.55 x fs
Hz
Group Delay
35 / fs
s
PCM Filter Characteristics (Slow Roll Off, Linear Phase)
Pass band Ripple and Bandwidth
0.01dB
0.357 x fs
Hz
–3dB
0.450 x fs
Hz
Stop band
<
–82dB
0.639 x fs
Hz
Group Delay
8.75 / fs
s
PCM Filter Characteristics (Apodizing, Fast Roll Off, Linear Phase)
Pass band Ripple and Bandwidth
0.075dB
0.409 x fs
Hz
–3dB
0.461 x fs
Hz
Stop band
<
–80dB
0.50 x fs
Hz
<
–100dB
0.66 x fs
Hz
Group Delay
35 / fs
s
PCM Filter Characteristics (Fast Roll Off, Minimum Phase)
Pass band Ripple and Bandwidth
0.005dB
0.453 x fs
Hz
–3dB
0.491 x fs
Hz
Stop band
<
–67.5dB
0.531 x fs
Hz
<
–100dB
0.547 x fs
Hz
Group Delay
5.4 / fs
s
PCM Filter Characteristics (Slow Roll Off, Minimum Phase)
Pass band Ripple and Bandwidth
0.015dB
0.363 x fs
Hz
–3dB
0.435 x fs
Hz
Stop band
<
–97dB
0.634 x fs
Hz
Group Delay
3.5 / fs
s
PCM Filter Characteristics (Hybrid, Fast Roll Off, Minimum Phase)
Pass band Ripple and Bandwidth
0.01dB
0.404 x fs
Hz
–3dB
0.430 x fs
Hz
Stop band
<
–94.5dB
0.504 x fs
Hz
<
–106dB
0.513 x fs
Hz
Group Delay
18.5 / fs
s
PCM Filter Characteristics (Brickwall)
Pass band Ripple and Bandwidth
0.015dB
0.435 x fs
Hz
–3dB
0.451 x fs
Hz
Stop band
<
–100dB
0.50 x fs
Hz
Group Delay
35 / fs
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com