Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038Q2M Datasheet(PDF) 21 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 21 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 17Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 18Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 19Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 20Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 21Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 22Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 23Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 24Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 25Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
July 17, 2019
CONFIDENTIAL Rev. 1.3
ES9038Q2M Datasheet
21
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Register 7: Filter Bandwidth and System Mute
Bits
[7:5]
[4]
[3]
[2:1]
[0]
Mnemonic
filter_shape
reserved
bypass_osf
reserved
mute
Default
3’b100
1’b0
1’b0
2’b00
1’b0
Bit
Mnemonic
Description
[7:5]
filter_shape
Selects the type of filter to use during the 8x FIR interpolation phase.
•
3’b111: brick wall filter
•
3’b110: corrected minimum phase fast roll-off filter
•
3’b101: reserved
•
3’b100: apodizing fast roll-off filter (default)
•
3’b011: minimum phase slow roll-off filter
•
3’b010: minimum phase fast roll-off filter
•
3’b001: linear phase slow roll-off filter
•
3’b000: linear phase fast roll-off filter
[4]
reserved
[3]
bypass_osf
Allows the use of an external 8x upsampling filter, bypassing the internal
interpolating FIR filter.
•
1’b0: uses the built-in oversampling filter (default)
•
1’b1: uses an external upsampling filter, which requires data
oversampled by 8x externally
[2:1]
reserved
[0]
mute
Mutes all 2 channels of the Sabre DAC.
•
1’b0: normal operation (default)
•
1’b1: mute both channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com