Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038Q2M Datasheet(PDF) 5 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 5 Page - ESS Technology,Inc

  ES9038Q2M Datasheet HTML 1Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 2Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 3Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 4Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 5Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 6Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
July 17, 2019
CONFIDENTIAL Rev. 1.3
ES9038Q2M Datasheet
5
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Pin
Name
Pin Type
Reset
State
Pin Description
26
NC
-
-
No Internal Connection.
27
VCCA
Power
Power
Analog +3.3V for OSC
28
XOUT
AO
Floating
XTAL Output
29
XI
AI
Floating
XTAL Input
30
AGND_R
Ground
Ground
DAC analog output stage ground for the Right Channel
Exposed
Pad
DGND
Ground
Ground
The exposed pad must be connected to DGND.
Note:
I/O = Input/Output
AO = Analog Output
AI = Analog Input
I = Digital Input
5V Tolerant Pins (3.3V DVCC Supply Only)
The following pins are 5V tolerant when DVCC = 3.3V only:
•
RESETB
•
SDA
•
SCL
•
GPIO1,2
•
ADDR
•
DATA1-2
•
DATA_CLK
•
RT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com