Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038Q2M Datasheet(PDF) 28 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 28 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 24Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 25Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 26Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 27Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 32Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
CONFIDENTIAL Rev. 1.3
July 17, 2019
ES9038Q2M Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
28
Register 14: Soft Start Configuration
Bits
[7]
[6]
[5]
[4:0]
Mnemonic
soft_start
soft_start_on_lock
reserved
soft_start_time
Default
1’b0
1’b0
1’b0
5’d10
Bit
Mnemonic
Description
[7]
soft_start
The Sabre DAC initializes both DAC and DACB to GND and then ramps
up the output to AVCC/2. DAC and DACB remain in phase until the
ramp is complete. Soft_start controls the ramp operation and defaults
to 1’b0. This bit must be set to 1’b1 in order for the DAC to have
analog outputs.
•
1’b0: Ramps the output stream to ground (default)
• 1’b1: Normal Operation, will ramp the output to AVCC/2
[6]
soft_start_on_l
ock
Automatically ramps the output to AVCC/2.
•
1’b0: Always soft start (default)
•
1’b1: Soft start and output ramps to AVCC/2 when locked.
When the DAC is unlocked the outputs will ramp to GND. The
output will not ramp to AVCC/2 if Reg 14 [7] is set to 1’b0.
[5]
reserved
[4:0]
soft start time
Sets the amount of time that it takes to perform a soft start ramp. This
time affects both ramp to ground and ramp to AVCC/2. This value is
valid from 0 to 20 (inclusive).
time (s) = 4096 ∗
2(soft_start_time+1)
MCLK (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com