Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7437N Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7437N
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 12Page - STMicroelectronics TDA7437N Datasheet HTML 13Page - STMicroelectronics TDA7437N Datasheet HTML 14Page - STMicroelectronics TDA7437N Datasheet HTML 15Page - STMicroelectronics TDA7437N Datasheet HTML 16Page - STMicroelectronics TDA7437N Datasheet HTML 17Page - STMicroelectronics TDA7437N Datasheet HTML 18Page - STMicroelectronics TDA7437N Datasheet HTML 19Page - STMicroelectronics TDA7437N Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TDA7437N
16/23
TRANSMITTED DATA (SEND MODE)
bit
P = 0
Pause active
bit
P = 1
No pause detected
bit
ZM = 1 Zero cross mute ON
bit
ZM = 0 Zero cross mute OFF
bit
SM = 1 Soft mute ON
bit
SM = 0 Soft mute OFF
bit
ST = 1 Stereo signal detected (input MPX)
bit
ST = 0 Mono signal detected (input MPX)
The TDA7437N allows the reading of four info bits.
The type (Stereo/Mono) of received broadcasting signal is easily checked and displayed by using the ST bit.
The P bit check is useful in tuning jumps without signal muting.
The SM soft mute status becomes active immediately, when bit D0 is set to 1 (soft mute ON, MUTE byte) and
not when the signal level has reached the 60 dB final attenuation.
TDA7437N I2C BUS PROTOCOL
The protocol is standard I2C, using subaddress byte plus data bytes (see pagg. 8 to 13).
The optional Autoincrement mode allows to refresh all the bytes registers with transmission of a single subad-
dress, reducing drastically the total transmission time.
Without autoincrement, subaddress bit I = 0, to refresh all the bytes registers (10), it is necessary to transmit 10
times the chip address, the subaddress and the data byte.
Working with a 100Kb/s clock speed the total time would be :
[(9*3+2)*10]bits*10us=2.9ms
Instead using autoincrement mode, subaddress bit I=1, the total time will be:
(9*12+2)*10us=1.1ms.
The autoincrement mode is useful also to refresh partially the data. For example to refresh the 4 speakers at-
tenuators it is possible to program the subaddress Spkr LF (code XX010100), followed by the data byte of SPKR
LF, LR, RF, RR in sequence.
Note:that the autoincrement mode has a module 16 counter, whereas the total used register bytes are 10.
It is not correct to refresh all the 10 bytes starting from a subaddress different than XX010000.
For example using subaddress XX010010 (volume) the registers from Volume to Mute (see pag. 8) are correctly
updated but the next two transmitted bytes instead to refer to the wanted Input selector and Loudness are dis-
charged. (the solution in this case is to send two separated pattern in autoinc mode, the first composed by ad-
dress, subaddress XX010010, 8 data bytes, and the second composed by address, subaddress XX010000, 2
data bytes).
With autoincrement disabled, the protocol allows the transmission in sequence of N data bytes of a specific reg-
ister, without necessity to resend each time the address and subaddress bytes.
This feature can be implemented, for example, if a gradual Volume change has to be performed (the MCU has
not to send the STOP condition, keeping active the TDA7437N communication)
WARNING
The TDA7437N always needs to receive a STOP condition, before beginning a new START condition. The de-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com