Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7437N Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7437N
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 14Page - STMicroelectronics TDA7437N Datasheet HTML 15Page - STMicroelectronics TDA7437N Datasheet HTML 16Page - STMicroelectronics TDA7437N Datasheet HTML 17Page - STMicroelectronics TDA7437N Datasheet HTML 18Page - STMicroelectronics TDA7437N Datasheet HTML 19Page - STMicroelectronics TDA7437N Datasheet HTML 20Page - STMicroelectronics TDA7437N Datasheet HTML 21Page - STMicroelectronics TDA7437N Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
TDA7437N
18/23
TREBLE STAGE
The Treble stage is a simple high pass filter which time constant is fixed by internal resistor (50Kohm typ) and
an external capacitor connected between pins TREB_R/TREB_L and Ground.
IN-OUT PINS
The multiplexer output is available at OUT_R and OUT_L pins for optional connection of external graphic equal-
izer (TDA7316/TDA7317), surround chip (TDA7346) etc. The signal is fed in again at pins IN_L and IN-R. In
case of application without external devices the pins OUT_L/OUT_R and IN_L/IN_R can be left unconnected if
bit D3 byte input selector is forced = 0 (DC connect) instead if bit D3 is kept = 1 an external decoupling capacitor
must be provided between OUTR/INR and OUTL/INR necessary to avoid signal DC jumps, generating "Click-
ing" output noise.The input impedance of the next volume stage is 44Kohm typical (minimum 31Kohm). A ca-
pacitor no lower than 1mF should be used.
INPUT SELECTOR
The multiplexer selector can choose one of the following inputs:
- a differential CD stereo input.
- a mono input.
- four stereo input
The signal fed to the input pins must be decoupled via series capacitors. The minimum allowed value depends
on the correspondent input impeance. For the CD diff input (Zi = 10Kohm worst case ) a Cin = 4.7uF is recom-
mended. For the other inputs (70Kohm worst case,a Cin=1uF is recommended.
R2
A
v
1
–
QQ
⋅
–
2
Π C1 F
c
A
v
1
–
() Q
⋅⋅
⋅
⋅
⋅
----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com