Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7437N Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7437N
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 13Page - STMicroelectronics TDA7437N Datasheet HTML 14Page - STMicroelectronics TDA7437N Datasheet HTML 15Page - STMicroelectronics TDA7437N Datasheet HTML 16Page - STMicroelectronics TDA7437N Datasheet HTML 17Page - STMicroelectronics TDA7437N Datasheet HTML 18Page - STMicroelectronics TDA7437N Datasheet HTML 19Page - STMicroelectronics TDA7437N Datasheet HTML 20Page - STMicroelectronics TDA7437N Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
TDA7437N
vice doesn't recognize a START condition if a previously active communication was not ended by a STOP con-
dition.
I2C BUS READ MODE
The TDA7437N gives to the master a 1 byte "TRANSMITTED INFO" via I2C bus in read mode. The read mode
is Master activated by sending the chip address with LSB set to 1, followed by acknowledge bit.
The TDA7437N recognizes the request. At the following master generated clocks bits, the TDA7437N issues
the TRANSMITTED INFO byte on the SDA data bus line (MSB transmitted first).
At the nineth clock bit the MCU master can:
- acknowledge the reception, starting in this way the transmission of another byte from the TDA7437N.
- no acknowledge, stopping the read mode communication.
LOUDNESS STAGE
The previous SGS-THOMSON audioprocessors were implementing a fixed loudness response, only ON/OFF
sw programmable.
No possibility to change the loud boost rate at a certain volume level. The TDA7437N implements a fully pro-
grammable loudness control in 20 steps of 1dB.
It allows a customized loudness response for each application. The external network connected to the loudness
pins LOUD_L and LOUD_R fixes the type of loudness response
1)Simple CapacitorThe loudness effect is only a boost of low frequencies. (see Fig. 16)
2)Second order Loudness (boost of low and high frequencies).
3)Second order decreased type Loudness (lower boost of low and high frequencies).
4)Second order modified type Loudness (higher boost of low and high frequencies).
BASS & MID FILTERS
Several bass filter types can be implemented. Normally it is used the basic T-type Bandpass Filter.Starting from
the filter component values (R1 internal and R2, C1, C2 external), the centre frequency Fc, the gain Av at max
bass boost and the filter Q factor are computed as follows
Viceversa fixed Fc, Av, and R1 (internal typ.±30%), the external component values are
F
c
1
2
Π
R1 R 2 C1 C2
⋅⋅⋅
⋅⋅
-------------------------------------------------------------------
=
A
v
R2 C2
R2 C 1
R1 C1
⋅
+
⋅
+
⋅
R 2 C1
R2 C 2
⋅
+
⋅
---------------------------------------------------------------------------
=
Q
R 1 R2 C1 C 2
⋅⋅
⋅
()
R2 C1
R2 C 2
⋅
+
⋅
-------------------------------------------------------
=
C1
A
v
1
–
2
Π R1 Q
⋅⋅
⋅
----------------------------------
=
C2
QQ C1
⋅⋅
A
v
1
–
QQ
⋅
–
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com