Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CDC596M Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP08CDC596M
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596M Datasheet(HTML) 1 Page - STMicroelectronics

  STP08CDC596M Datasheet HTML 1Page - STMicroelectronics STP08CDC596M Datasheet HTML 2Page - STMicroelectronics STP08CDC596M Datasheet HTML 3Page - STMicroelectronics STP08CDC596M Datasheet HTML 4Page - STMicroelectronics STP08CDC596M Datasheet HTML 5Page - STMicroelectronics STP08CDC596M Datasheet HTML 6Page - STMicroelectronics STP08CDC596M Datasheet HTML 7Page - STMicroelectronics STP08CDC596M Datasheet HTML 8Page - STMicroelectronics STP08CDC596M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
October 2005
8 CONSTANT CURRENT OUTPUT
CHANNELS
ADJUSTABLE OUTPUT CURRENT
THROUGH ONE EXTERNAL RESISTOR
OPEN AND SHORT LINE, SHORT TO GND,
SHORT TO V-LED SUPPLY ERROR
DETECTION
SERIAL DATA IN/PARALLEL DATA OUT
SERIAL OUT CHANGE STATE ON THE
FALLING EDGES OF CLOCK
OUTPUT CURRENT: 20-120 mA
25 MHz CLOCK FREQ.
DESCRIPTION
The
STP08CDC596
is
a
monolithic,
medium-voltage, low current power 8-bit shift
register designed for LED panel display. The
STP08CDC596
contains
a
8-bit
serial-in,
parallel-out shift register that feeds a 8-bitD-type
storage register. In the output stage, eight
regulated current sources were designed to
provide 15-120mA constant current to drive the
LEDs.
The STP08CDC596 contains the built-IN error
detection feature. The device performs this
additional function without any increase of the pin
number and any change of the pin function, if
compared to the standard device without error
detection. Consequently, choosing this device
does not mean to change the footprint on the
board. To perform this functionality mode, the
device needs a digital key coming from the
Microprocessor. The STP08CDC596 is able to
detect: open and short on the LED line, short to
GND, short to Led voltage supply. The data
mapping of output channels status detection is
provided by a feedback from the serial output to
the Microprocessor.
Trough an external resistor, users may adjust the
STP08CDC596 output current, controlling the light
intensity of LEDs.
The
STP08CDC596
guarantees
16V
output
driving capability, allowing users to connect more
LEDs in series. The high clock frequency, 25 MHz,
also satisfies the system requirement of high
volume data transmission.
The device is offered in DIP-16, SO-16 and
TSSOP-16 packages.
The STP08CDC596 is well suitable for traffic
display signs where the detection feature is
strongly required.
Table 1: Order Codes
Type
Temp. Range
Package
Comments
STP08CDC596B1
-40°C to 125°C
DIP-16
25 part per tube
STP08CDC596M
-40°C to 125°C
SO-16 (Tube)
50 parts per tube
STP08CDC596MTR
-40°C to 125°C
SO-16 (Tape & Reel)
2500 parts per reel
STP08CDC596TTR
-40°C to 125°C
TSSOP16 (Tape & Reel)
2500 parts per reel
STP08CDC596
8-BIT CONSTANT CURRENT
LED SINK DRIVER WITH FULL OUTPUT DETECTION
SO-16
DIP-16
TSSOP16
Rev. 2


Similar Part No. - STP08CDC596M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
STP08C596B1 STMICROELECTRONICS-STP08C596B1 Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
STP08C596M STMICROELECTRONICS-STP08C596M Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
STP08C596MTR STMICROELECTRONICS-STP08C596MTR Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
STP08C596TTR STMICROELECTRONICS-STP08C596TTR Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
More results

Similar Description - STP08CDC596M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08DP05 STMICROELECTRONICS-STP08DP05 Datasheet
531Kb / 30P
Low voltage 8-Bit constant current Led sink with full outputs error detection
21-May-2007
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
24-bit constant current LED sink driver with output error detection
19-Apr-2008
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
8-bit Constant Current LED Driver with Error Detection
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
STMicroelectronics
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com