Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CDC596M Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP08CDC596M
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596M Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP08CDC596M Datasheet HTML 6Page - STMicroelectronics STP08CDC596M Datasheet HTML 7Page - STMicroelectronics STP08CDC596M Datasheet HTML 8Page - STMicroelectronics STP08CDC596M Datasheet HTML 9Page - STMicroelectronics STP08CDC596M Datasheet HTML 10Page - STMicroelectronics STP08CDC596M Datasheet HTML 11Page - STMicroelectronics STP08CDC596M Datasheet HTML 12Page - STMicroelectronics STP08CDC596M Datasheet HTML 13Page - STMicroelectronics STP08CDC596M Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
STP08CDC596
10/20
The LEDs status will be detected al least in 2
microseconds and after this time the micro
controller puts OE in HIGH state and the output
data detection result will go to the microprocessor
via SDO.
The detection data format is the same of data in
normal mode. As soon as all the detection data
bits are available on the serial line, the device may
go back to normal mode operation.
CONDITIONS IN ORDER TO GET A SUCCESSFULLY DETECTION CONDITION
Table 10: Detection Condition (VDD = 3.3 to 5 V Temp. Range -40 to 85°C)
where: IO = the output current programmed by the REXT, IODEC = the detected output current in detection mode.
Figure 15: Detection Mode
SW-1 or SW-3b
Open Line or Output Short
to GND detected
==> IODEC ≤ 0.5 x IO
No error detected
==> IODEC ≥ 0.5 x IO
SW-2 or SW-3a
Short on LED or Short to
V-LED detected
==> VO ≥ 2.4 V
No error detected
==> VO ≤ 2.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com