Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CDC596M Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP08CDC596M
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596M Datasheet(HTML) 2 Page - STMicroelectronics

  STP08CDC596M Datasheet HTML 1Page - STMicroelectronics STP08CDC596M Datasheet HTML 2Page - STMicroelectronics STP08CDC596M Datasheet HTML 3Page - STMicroelectronics STP08CDC596M Datasheet HTML 4Page - STMicroelectronics STP08CDC596M Datasheet HTML 5Page - STMicroelectronics STP08CDC596M Datasheet HTML 6Page - STMicroelectronics STP08CDC596M Datasheet HTML 7Page - STMicroelectronics STP08CDC596M Datasheet HTML 8Page - STMicroelectronics STP08CDC596M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
STP08CDC596
2/20
Table 2: Current Accuracy
Figure 1: Pin Connection
Table 3: Pin Description
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Output Voltage
Current accuracy
Output Current
Between bits
Between ICs
≥ 0.7V
TYP. ± 3%
± 10%
20 to 120 mA
PIN N°
Symbol
Name and Function
1
GND
Ground Terminal
2
SDI
Serial data input terminal
3
CLK
Clock input terminal
4
LE/DM1
Latch input terminal
5-12
OUT 0-7
Output terminal
13
OE/DM2
Output enable input terminal (active low)
14
SDO
Serial data out terminal
15
R-EXT
Constant Current programming
16
VDD
5V Supply voltage terminal
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
0 to 7
V
VO
Output Voltage
-0.5 to 16
V
IO
Output Current
120
mA
VI
Input Voltage
-0.4 to VDD+0.4
V
IGND
GND Terminal Current
980
mA
fCLK
Clock Frequency
25
MHz
TOPR
Operating Temperature Range
-40 to +125
°C
TSTG
Storage Temperature Range
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com