Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474XC Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 70Page - STMicroelectronics STM32G474XC Datasheet HTML 71Page - STMicroelectronics STM32G474XC Datasheet HTML 72Page - STMicroelectronics STM32G474XC Datasheet HTML 73Page - STMicroelectronics STM32G474XC Datasheet HTML 74Page - STMicroelectronics STM32G474XC Datasheet HTML 75Page - STMicroelectronics STM32G474XC Datasheet HTML 76Page - STMicroelectronics STM32G474XC Datasheet HTML 77Page - STMicroelectronics STM32G474XC Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 236 page
background image
4.11
Alternate functions
Table 13. Alternate function
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
I2C4/
SYS_AF
LPTIM1/
TIM2/5/
15/16/17
I2C1/3/
TIM1/2/3/4/5/8/
20/15/
COMP1
QUADSPI1/
I2C3/4/SAI1/US
B/HRTIM1/
TIM8/20/15/
COMP3
I2C1/2/3/
4/TIM1/8/
16/17
QUADSPI1
/SPI1/2/3/4/
I2S2/3/I2C4/
UART4/5/
TIM8/
Infrared
QUADSPI1/
SPI2/3/I2S2
/3/TIM1/5/8/
20/Infrared
USART1/2/3
/FDCAN/CO
MP7/5/6
I2C3/4/UAR
T4/5/LPUA
RT1/COMP
1/2/7/4/5/6/
3
FDCAN/T
IM1/8/15/
FDCAN1/
2
QUADSPI1/
TIM2/3/4/8/1
7
LPTIM1/
TIM1/8/F
DCAN1/3
FMC/LPUART1
/SAI1/HRTIM1/
TIM1
SAI1SAI1/HR
TIM1/OPAMP
2
UART4/5/
SAI1/TIM
2/15/
UCPD1
EVENT
PA0
-
TIM2_CH1
TIM5_CH1
-
-
-
-
USART2_
CTS
COMP1
_OUT
TIM8_
BKIN
TIM8_ETR
-
-
-
TIM2_
ETR
EVENT
OUT
PA1
RTC_
REFIN
TIM2_CH2
TIM5_CH2
-
-
-
-
USART2_
RTS_DE
-
TIM15_
CH1N
--
-
-
-
EVENT
OUT
PA2
-
TIM2_CH3
TIM5_CH3
-
-
-
-
USART2_
TX
COMP2
_OUT
TIM15_
CH1
QUADSPI1_
BK1_NCS
-
LPUART1_TX
-
UCPD1_
FRSTX
EVENT
OUT
PA3
-
TIM2_CH4
TIM5_CH4
SAI1_CK1
-
-
-
USART2_
RX
-
TIM15_
CH2
QUADSPI1_
CLK
-
LPUART1_RX
SAI1_MCLK_
A
-
EVENT
OUT
PA4
-
-
TIM3_CH2
-
-
SPI1_NSS
SPI3_NSS/
I2S3_WS
USART2_
CK
-
---
-
SAI1_FS_B
-
EVENT
OUT
PA5
-
TIM2_CH1
TIM2_ETR
-
-
SPI1_SCK
-
-
-
-
-
-
-
-
UCPD1_
FRSTX
EVENT
OUT
PA6
-
TIM16_CH1
TIM3_CH1
-
TIM8_
BKIN
SPI1_MISO
TIM1_BKIN
-
COMP1
_OUT
-
QUADSPI1_
BK1_IO3
-
LPUART1_
CTS
--
EVENT
OUT
PA7
-
TIM17_CH1
TIM3_CH2
-
TIM8_
CH1N
SPI1_MOSI
TIM1_
CH1N
-
COMP2_
OUT
-
QUADSPI1_
BK1_IO2
--
-
UCPD1_
FRSTX
EVENT
OUT
PA8
MCO
-
I2C3_SCL
-
I2C2_
SDA
I2S2_MCK
TIM1_CH1
USART1_
CK
COMP7
_OUT
-
TIM4_ETR
FDCAN3
_RX
SAI1_CK2
HRTIM1_
CHA1
SAI1_SC
K_A
EVENT
OUT
PA9
-
-
I2C3_SMBA
-
I2C2_
SCL
I2S3_MCK
TIM1_CH2
USART1_
TX
COMP5
_OUT
TIM15_
BKIN
TIM2_CH3
-
-
HRTIM1_
CHA2
SAI1_FS
_A
EVENT
OUT
PA10
-
TIM17_BKIN
-
USB_
CRS_SYNC
I2C2_
SMBA
SPI2_MISO
TIM1_CH3
USART1_
RX
COMP6
_OUT
-
TIM2_CH4
TIM8_
BKIN
SAI1_D1
HRTIM1_
CHB1
SAI1_SD
_A
EVENT
OUT
PA11
-
-
-
-
-
SPI2_MOSI/
I2S2_SD
TIM1_
CH1N
USART1_
CTS
COMP1
_OUT
FDCAN1
_RX
TIM4_CH1
TIM1_
CH4
TIM1_BKIN2
HRTIM1_
CHB2
-
EVENT
OUT
PA12
-
TIM16_CH1
-
-
-
I2SCKIN
TIM1_
CH2N
USART1_
RTS_DE
COMP2
_OUT
FDCAN1
_TX
TIM4_CH2
TIM1_
ETR
-
HRTIM1_
FLT1
-
EVENT
OUT
PA13
SWDIO-
JTMS
TIM16_CH1N
-
I2C4_SCL
I2C1_
SCL
IR_OUT
-
USART3_
CTS
-
-
TIM4_CH3
-
-
SAI1_SD_B
-
EVENT
OUT
PA14
SWCLK-
JTCK
LPTIM1_OUT
-
I2C4_SMBA
I2C1_
SDA
TIM8_CH2
TIM1_
BKIN
USART2_
TX
-
---
-
SAI1_FS_B
-
EVENT
OUT
PA15
JTDI
TIM2_CH1
TIM8_CH1
-
I2C1_
SCL
SPI1_NSS
SPI3_NSS/
I2S3_WS
USART2_
RX
UART4
_RTS_DE
TIM1_
BKIN
-
FDCAN3
_
TX
-
HRTIM1_
FLT2
TIM2_
ETR
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com